Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

B64290 Datasheet(PDF) 21 Page - EPCOS

Part # B64290
Description  Ferrites and accessories
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B64290 Datasheet(HTML) 21 Page - EPCOS

Back Button B64290 Datasheet HTML 17Page - EPCOS B64290 Datasheet HTML 18Page - EPCOS B64290 Datasheet HTML 19Page - EPCOS B64290 Datasheet HTML 20Page - EPCOS B64290 Datasheet HTML 21Page - EPCOS B64290 Datasheet HTML 22Page - EPCOS B64290 Datasheet HTML 23Page - EPCOS B64290 Datasheet HTML 24Page - EPCOS B64290 Datasheet HTML 25Page - EPCOS Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 34 page
background image
21
06/13
Please read Cautions and warnings and
Important notes at the end of this document.
■
Epoxy coating
R 29.5
 19.0  14.9 (mm)
R 1.142
 0.748  0.587 (inch)
Dimensions
Characteristics and ordering codes
N87: PV (200 mT, 100 kHz, 100 °C) < 2.95 W/core
■
Epoxy coating
R 30.5
 20.0  12.5 (mm)
R 1.201
 0.787  0.492 (inch)
Dimensions
Characteristics and ordering codes
N87: PV (200 mT, 100 kHz, 100 °C) < 2.65 W/core
da (mm)
di (mm)
Height (mm) da (inch)
di (inch)
Height (inch)
29.5
0.7
19.0
0.5
14.9
0.4
1.142
0.028 0.748 0.020 0.587 0.016 uncoated1)
31.0 max.
17.7 min.
16.1 max.
1.220 max.
0.697 min.
0.634 max.
coated
Mate-
rial
AL value
nH
i
(approx.)
Ordering code
Magnetic characteristics
Approx.
weight
g
l/A
mm –1
le
mm
Ae
mm2
Ve
mm3
N87
2880
25% 2200
B64290L0647X087
0.96
73.78
76.98
5680
27
N30
5630
25% 4300
B64290L0647X830
T65
6800
30% 5200
B64290L0647X065
T37
8500
25% 6500
B64290L0647X037
T38
13100
30% 10000
B64290L0647X038
da (mm)
di (mm)
Height (mm) da (inch)
di (inch)
Height (inch)
30.5
1.0
20.0
0.6
12.5
0.4
1.201
0.039 0.787 0.024 0.492 0.016 uncoated1)
32.1 max.
18.8 min.
13.5 max.
1.264 max.
0.694 min.
0.531 max.
coated
Mate-
rial
AL value
nH
i
(approx.)
Ordering code
Magnetic characteristics
Approx.
weight
g
l/A
mm –1
le
mm
Ae
mm2
Ve
mm3
N87
2320
25% 2200
B64290L0657X087
1.19
77.02
64.66
4980
25
N30
4540
25% 4300
B64290L0657X830
T65
5400
30% 5100
B64290L0657X065
T37
6400
25% 6100
B64290L0657X037
T38
10600
30% 10000
B64290L0657X038
B64290L0647
B64290L0657
R 30.5
 20.0  12.5
R 29.5
 19.0  14.9



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com