Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

B64290 Datasheet(PDF) 19 Page - EPCOS

Part # B64290
Description  Ferrites and accessories
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B64290 Datasheet(HTML) 19 Page - EPCOS

Back Button B64290 Datasheet HTML 15Page - EPCOS B64290 Datasheet HTML 16Page - EPCOS B64290 Datasheet HTML 17Page - EPCOS B64290 Datasheet HTML 18Page - EPCOS B64290 Datasheet HTML 19Page - EPCOS B64290 Datasheet HTML 20Page - EPCOS B64290 Datasheet HTML 21Page - EPCOS B64290 Datasheet HTML 22Page - EPCOS B64290 Datasheet HTML 23Page - EPCOS Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 34 page
background image
19
06/13
Please read Cautions and warnings and
Important notes at the end of this document.
■
Epoxy coating
R 22.6
 14.7  9.20 (mm)
R 0.890
 0.579  0.362 (inch)
Dimensions
Characteristics and ordering codes
N87: PV (200 mT, 100 kHz, 100 °C) < 1.25 W/core
■
Epoxy coating
R 25.3
 14.8  10.0 (mm)
R 0.996
 0.583  0.394 (inch)
Dimensions
Characteristics and ordering codes
N87: PV (200 mT, 100 kHz, 100 °C) < 2 W/core
da (mm)
di (mm)
Height (mm) da (inch)
di (inch)
Height (inch)
22.6
0.4
14.7
0.2
9.20
0.2
0.890
0.016 0.579 0.008 0.362 0.008 uncoated1)
23.8 max.
13.7 min.
10.2 max.
0.937 max.
0.539 min.
0.402 max.
coated
Mate-
rial
AL value
nH
i
(approx.)
Ordering code
Magnetic characteristics
Approx.
weight
g
l/A
mm –1
le
mm
Ae
mm2
Ve
mm3
N87
1740
25%
2200
B64290L0626X087
1.59
56.82
35.78
2033
9.8
N30
3420
25%
4300
B64290L0626X830
T65
4100
30%
5200
B64290L0626X065
T35
4200
25%
5300
B64290L0626X035
T37
5170
25%
6500
B64290L0626X037
T38
7900
30% 10000
B64290L0626X038
da (mm)
di (mm)
Height (mm) da (inch)
di (inch)
Height (inch)
25.3
0.5
14.8
0.5
10.0
0.2
0.996
0.020 0.583 0.020 0.394 0.008 uncoated1)
26.6 max.
13.5 min.
11.0 max.
1.047 max.
0.531 min.
0.433 max.
coated
Mate-
rial
AL value
nH
i
(approx.)
Ordering code
Magnetic characteristics
Approx.
weight
g
l/A
mm –1
le
mm
Ae
mm2
Ve
mm3
N87
2360
25% 2200
B64290L0618X087
1.17
60.07
51.26
3079
16
N30
4620
25% 4300
B64290L0618X830
T65
5350
30% 5000
B64290L0618X065
T35
5400
25% 5000
B64290L0618X035
T37
6970
25% 6500
B64290L0618X037
T38
10700
30% 10000
B64290L0618X038
B64290L0626
B64290L0618
R 25.3
 14.8  10.0
R 22.6
 14.7  9.20



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com