Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCP25050E/P Datasheet(PDF) 29 Page - Microchip Technology

Part # MCP25050E/P
Description  CAN I/O Expander Family
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP25050E/P Datasheet(HTML) 29 Page - Microchip Technology

Back Button MCP25050E/P Datasheet HTML 25Page - Microchip Technology MCP25050E/P Datasheet HTML 26Page - Microchip Technology MCP25050E/P Datasheet HTML 27Page - Microchip Technology MCP25050E/P Datasheet HTML 28Page - Microchip Technology MCP25050E/P Datasheet HTML 29Page - Microchip Technology MCP25050E/P Datasheet HTML 30Page - Microchip Technology MCP25050E/P Datasheet HTML 31Page - Microchip Technology MCP25050E/P Datasheet HTML 32Page - Microchip Technology MCP25050E/P Datasheet HTML 33Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 66 page
background image
© 2007 Microchip Technology Inc.
DS21664D-page 29
MCP2502X/5X
TABLE 4-4:
REGISTERS ASSOCIATED WITH THE CAN MODULE
Addr
Name
bit7
bit6
bit5
bit4
bit3
bit2
bit1
bit0
Value on
POR
Value on
RST
0Bh
CNF1
SJW1
SJW0
BRP5
BRP4
BRP3
BRP2
BRP1
BRP0
xxxx xxxx
uuuu uuuu
0Ch
CNF2
BTLM-
ODE
SAM
PHSEG12
PHSEG11
PHSEG10
PRSEG2
PRSEG1
PRSEG0
xxxx xxxx
uuuu uuuu
0Dh
CNF3
—
WAKF
—
—
—
PHSEG22
PHSEG21
PHSEG20
-x-- xxxx
-u-- uuuu
10h
STCON
STEM
STMS
STBF1
STBF0
STM3
STM2
STM1
STM0
0xxx xxxx
0uuu uuuu
11h
OPTREG2
CAEN
ERRE
TXONE
SLPEN
MTYPE
PDEFEN
PUSLP
PUNRM
0000 0000
uuuu uuuu
14h
RXMSIDH
SID10
SID9
SID8
SID7
SID6
SID5
SID4
SID3
xxxx xxxx
uuuu uuuu
15h
RXMSIDL
SID2
SID1
SID0
—
—
—
EID17
EID16
xxx- --xx
uuu- --uu
16h
RXMEID8
EID15
EID14
EID13
EID12
EID11
EID10
EID9
EID8
xxxx xxxx
uuuu uuuu
17h
RXMEID0
EID7
EID6
EID5
EID4
EID3
EID2
EID1
EID0
xxxx xxxx
uuuu uuuu
18h
RXF0SIDH
SID10
SID9
SID8
SID7
SID6
SID5
SID4
SID3
xxxx xxxx
uuuu uuuu
19h
RXF0SIDL
SID2
SID1
SID0
—
—
—
EID17
EID16
xxx- --xx
uuu- --uu
1Ah
RXF0EID8
EID15
EID14
EID13
EID12
EID11
EID10
EID9
EID8
xxxx xxxx
uuuu uuuu
1Bh
RXF0EID0
EID7
EID6
EID5
EID4
EID3
EID2
EID1
EID0
xxxx xxxx
uuuu uuuu
1Ch
RXF1SIDH
SID10
SID9
SID8
SID7
SID6
SID5
SID4
SID3
xxxx xxxx
uuuu uuuu
1Dh
RXF1SIDL
SID2
SID1
SID0
—
—
—
EID17
EID16
xxx- --xx
uuu- --uu
1Eh
RXF1EID8
EID15
EID14
EID13
EID12
EID11
EID10
EID9
EID8
xxxx xxxx
uuuu uuuu
1Fh
RXF1EID0
EID7
EID6
EID5
EID4
EID3
EID2
EID1
EID0
xxxx xxxx
uuuu uuuu
20h
TXB0SIDH
SID10
SID9
SID8
SID7
SID6
SID5
SID4
SID3
xxxx xxxx
uuuu uuuu
21h
TXB0SIDL
SID2
SID1
SID0
—
EXIDE
—
EID17
EID16
xxx- x-xx
uuu- u-uu
22h
TXB0EID8
EID15
EID14
EID13
EID12
EID11
EID10
EID9
EID8
xxxx xxxx
uuuu uuuu
23h
TXB0EID0
EID7
EID6
EID5
EID4
EID3
EID2
EID1
EID0
xxxx xxxx
uuuu uuuu
24h
TXB1SIDH
SID10
SID9
SID8
SID7
SID6
SID5
SID4
SID3
xxxx xxxx
uuuu uuuu
25h
TXB1SIDL
SID2
SID1
SID0
—
EXIDE
—
EID17
EID16
xxx- x-xx
uuu- u-uu
26h
TXB1EID8
EID15
EID14
EID13
EID12
EID11
EID10
EID9
EID8
xxxx xxxx
uuuu uuuu
27h
TXB1EID0
EID7
EID6
EID5
EID4
EID3
EID2
EID1
EID0
xxxx xxxx
uuuu uuuu
28h
TXB2SIDH
SID10
SID9
SID8
SID7
SID6
SID5
SID4
SID3
xxxx xxxx
uuuu uuuu
29h
TXB2SIDL
SID2
SID1
SID0
—
EXIDE
—
EID17
EID16
xxx- x-xx
uuu- u-uu
2Ah
TXB2EID8
EID15
EID14
EID13
EID12
EID11
EID10
EID9
EID8
xxxx xxxx
uuuu uuuu
2Bh
TXB2EID0
EID7
EID6
EID5
EID4
EID3
EID2
EID1
EID0
xxxx xxxx
uuuu uuuu



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com