Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCP25050E/P Datasheet(PDF) 10 Page - Microchip Technology

Part # MCP25050E/P
Description  CAN I/O Expander Family
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP25050E/P Datasheet(HTML) 10 Page - Microchip Technology

Back Button MCP25050E/P Datasheet HTML 6Page - Microchip Technology MCP25050E/P Datasheet HTML 7Page - Microchip Technology MCP25050E/P Datasheet HTML 8Page - Microchip Technology MCP25050E/P Datasheet HTML 9Page - Microchip Technology MCP25050E/P Datasheet HTML 10Page - Microchip Technology MCP25050E/P Datasheet HTML 11Page - Microchip Technology MCP25050E/P Datasheet HTML 12Page - Microchip Technology MCP25050E/P Datasheet HTML 13Page - Microchip Technology MCP25050E/P Datasheet HTML 14Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 66 page
background image
MCP2502X/5X
DS21664D-page 10
© 2007 Microchip Technology Inc.
REGISTER 2-4:
CNF2 - CAN CONFIGURATION REGISTER 2
REGISTER 2-5:
CNF3 - CAN CONFIGURATION REGISTER 3
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
BTLMODE
SAM
PHSEG12 PHSEG11
PHSEG10
PRSEG2
PRSEG1
PRSEG0
bit 7
bit 0
bit 7
BTL MODE: Length determination of PHSEG2 bit
1
= Length of Phase_Seg2 determined by bits 2:0 of CNF3
0
= Length of Phase_Seg2 is the greater of Phase_Seg1 or IPT(2Tq)
bit 6
SAM: Sample of the CAN bus line bit
1
= Bus line is sampled three times at the sample point
0
= Bus line is sampled once at the sample point
bit 5-3
PHSEG12:PHSEG10: Phase Buffer Segment1 bits
111
= length = 8 x TQ
-
-
-
000
= length = 1 x TQ
bit 2-0
PRSEG2:PRSEG0
: Propagation Time Segment bits
111
= length = 8 x TQ
-
-
-
000
= length = 1 x T
Θ
Legend:
R = Readable bit
W = Writable bit
U = Unimplemented bit, read as ‘0’
- n = Value at POR
‘1’ = Bit is set
‘0’ = Bit is cleared
x = Bit is unknown
U-0
R/W-0
U-0
U-0
U-0
R/W-0
R/W-0
R/W-0
—
WAKFIL
—
—
—
PHSEG22
PHSEG21
PHSEG20
bit 7
bit 0
bit 7
Unimplemented: (Reads as 0)
bit 6
WAKFIL: Wake-up filter bit
1
= Wake-up filter enabled
0
= Wake-up filter disabled
bit 5-3
Unimplemented: (Reads as 0)
bit 2-0
PHSEG22:PHSEG20: Phase Buffer Segment2 bits
111
= length = 8 x TQ
-
-
-
001
= length = 2 x TQ
000
= Invalid
Legend:
R = Readable bit
W = Writable bit
U = Unimplemented bit, read as ‘0’
- n = Value at POR
‘1’ = Bit is set
‘0’ = Bit is cleared
x = Bit is unknown



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com