Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCP25050E/P Datasheet(PDF) 61 Page - Microchip Technology

Part # MCP25050E/P
Description  CAN I/O Expander Family
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP25050E/P Datasheet(HTML) 61 Page - Microchip Technology

Back Button MCP25050E/P Datasheet HTML 57Page - Microchip Technology MCP25050E/P Datasheet HTML 58Page - Microchip Technology MCP25050E/P Datasheet HTML 59Page - Microchip Technology MCP25050E/P Datasheet HTML 60Page - Microchip Technology MCP25050E/P Datasheet HTML 61Page - Microchip Technology MCP25050E/P Datasheet HTML 62Page - Microchip Technology MCP25050E/P Datasheet HTML 63Page - Microchip Technology MCP25050E/P Datasheet HTML 64Page - Microchip Technology MCP25050E/P Datasheet HTML 65Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 61 / 66 page
background image
© 2007 Microchip Technology Inc.
DS21664D-page 61
MCP2502X/5X
PRODUCT IDENTIFICATION SYSTEM
To order or obtain information, e.g., on pricing or delivery, refer to the factory or the listed sales office
.
PART NO.
X
/XX
Package
Temperature
Range
Device
Device:
MCP25020: CAN I/O Expander
MCP25020T: CAN I/O Expander (Tape and Reel)
MCP25025: CAN I/O Expander
MCP25025T: CAN I/O Expander (Tape and Reel)
MCP25050: Mixed Signal CAN I/O Expander
MCP25050T: Mixed Signal CAN I/O Expander
(Tape and Reel)
MCP25055: Mixed Signal CAN I/O Expander
MCP25055T: Mixed Signal CAN I/O Expander
(Tape and Reel)
Temperature Range:
I
=
-40°C to +85°C
E
=
-40°C to +125°C (not available on MCP25025
or MCP25055 devices)
Package:
P
=
Plastic DIP (300 mil Body), 14-lead
SL
=
Plastic SOIC (150 mil Body), 14-lead
Examples:
a)
MCP25020–I/P:
Industrial temperature,
PDIP package.
b)
MCP25025–I/SL:
Industrial temperature,
SOIC package.
c)
MCP25050T-E/SL: Tape and Reel,
Extended temperature,
SOIC package.
d)
MCP25055-I/SL:
Industrial temperature
SOIC package.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com