Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCP25050E/P Datasheet(PDF) 48 Page - Microchip Technology

Part # MCP25050E/P
Description  CAN I/O Expander Family
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP25050E/P Datasheet(HTML) 48 Page - Microchip Technology

Back Button MCP25050E/P Datasheet HTML 44Page - Microchip Technology MCP25050E/P Datasheet HTML 45Page - Microchip Technology MCP25050E/P Datasheet HTML 46Page - Microchip Technology MCP25050E/P Datasheet HTML 47Page - Microchip Technology MCP25050E/P Datasheet HTML 48Page - Microchip Technology MCP25050E/P Datasheet HTML 49Page - Microchip Technology MCP25050E/P Datasheet HTML 50Page - Microchip Technology MCP25050E/P Datasheet HTML 51Page - Microchip Technology MCP25050E/P Datasheet HTML 52Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 48 / 66 page
background image
MCP2502X/5X
DS21664D-page 48
© 2007 Microchip Technology Inc.
REGISTER 8-1:
CONFIGURATION REGISTER
8.4
Reset
The MCP2502X/5X differentiates between two kinds of
reset:
• Power-on Reset (POR)
•External RST reset
Some registers are not affected in any reset condition.
Their status is unknown on POR and unchanged in any
other reset. Most other registers are reset to a reset
state on Power-on Reset (POR), on RST and on RST
during SLEEP. They are not affected by a wake-up from
SLEEP, which is viewed as the resumption of normal
operation. A simplified block diagram of the on-chip
reset circuit is shown in Figure 8-3. The MCP2502X/5X
has a RST noise filter in the RST reset path. The filter
will detect and ignore small pulses.
8.4.1
POWER-ON RESET
A Power-on Reset pulse is generated on-chip when
VDD rise is detected (in the range of 1.5V to 2.1V). If the
RST input on the GP7 pin is selected, the RST pin may
be tied through a series resistor to VDD, eliminating the
need for external RC components usually required for
a Power-on Reset. A maximum rise time for VDD is
specified in Section 9.0 “Electrical Characteristics”
of this document.
When the device starts normal operation (exits the
reset condition), device operating parameters (voltage,
frequency, temperature, etc.) must be met to ensure
proper operation. For additional information, refer to
AN607, “Power-up Troubleshooting”, DS00607).
U-0
U-0
R/W-x
R/W-x
R/W-x
R/W-x
—
—R
R
R
R
bit 13
bit 8
R/W-x
R/W-x
R/W-x
R/W-x
R/W-x
R/W
R/W
R/W
R
R
R
R
R
RSTEN
FOSC1
FOSC0
bit 7
bit 0
bit 13-11
Unimplemented: Read as '0'
bit 10-3
Reserved: do not attempt to modify
bit 2
RSTEN: Enable RST input on GP7
1
=RST input Enabled
0
=RST input Disabled
bit 1-0
FOSC1:FOSC0: Oscillator Selection bits
11
= HS oscillator
10
= Reserved for Test (EC oscillator)
01
= XT oscillator
00
= LP oscillator
Legend:
R = Readable bit
W = Writable bit
U = Unimplemented bit, read as ‘0’
- n = Value at POR
‘1’ = Bit is set
‘0’ = Bit is cleared
x = Bit is unknown



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com