Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCP25050E/P Datasheet(PDF) 52 Page - Microchip Technology

Part # MCP25050E/P
Description  CAN I/O Expander Family
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP25050E/P Datasheet(HTML) 52 Page - Microchip Technology

Back Button MCP25050E/P Datasheet HTML 48Page - Microchip Technology MCP25050E/P Datasheet HTML 49Page - Microchip Technology MCP25050E/P Datasheet HTML 50Page - Microchip Technology MCP25050E/P Datasheet HTML 51Page - Microchip Technology MCP25050E/P Datasheet HTML 52Page - Microchip Technology MCP25050E/P Datasheet HTML 53Page - Microchip Technology MCP25050E/P Datasheet HTML 54Page - Microchip Technology MCP25050E/P Datasheet HTML 55Page - Microchip Technology MCP25050E/P Datasheet HTML 56Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 52 / 66 page
background image
MCP2502X/5X
DS21664D-page 52
© 2007 Microchip Technology Inc.
9.2
DC Characteristics
DC Characteristics
Industrial (I):
TAMB = -40°C to +85°C
VCC = 2.7V to 5.5V
Automotive (E): TAMB = -40°C to +125°C VCC = 4.5V to 5.5V
Param.
No.
Sym
Characteristics
Min
Max
Units
Test Conditions
VDD
Supply Voltage
2.7
4.5
5.5
5.5
V
V
XT and LP OSC configuration
HS OSC configuration (Note 2)
SVDD
VDD Rise Rate to ensure
internal power-on reset signal
0.05
—
V/ms
(Note 3)
High-level input voltage
VIH
GPIO pins
2
VDD+0.3
V
VIH
RXCAN (Schmitt Trigger)
.7 VDD
VDD
V
OSC1
.85 VDD
VDD
V
Low-level input voltage
—
VIL
RXCAN (Schmitt Trigger)
VSS
0.2 VDD
V
VIL
GPIO pins
-0.3
0.5V
V
OSC1
VSS
0.2 VDD
V
Low-level output voltage
VOL
TXCAN GPIO pins
—
0.6
V
IOL = 8.5 mA, VDD = 4.5V
High-level output voltage
V
VOH
TXCAN, GPIO pins
VDD -0.7
—
V
IOH =-3.0 mA, VDD = 4.5V,
I-temp
Input leakage current
ILI
All I/O except OSC1, GP7
-1
+1
µA
OSC1, GP7 pin
-5
+5
µA
CINT
Internal Capacitance
(all inputs and outputs, except
GP7)
—7
pF
TAMB = 25°C, fC = 1.0 MHz,
VDD = 5.0V (Note 3)
GP7
—
15
pF
IDD
Operating Current
—
20
mA
XT OSC VDD = 5.5V;
FOSC =25MHz
IDDS
Standby Current
(CAN Sleep Mode)
—
30
µA
Inputs tied to VDD or VSS
Note 1:
This is the limit to which VDD can be lowered in SLEEP mode without losing RAM data.
2:
Refer to Figure 9-1.
3:
This parameter is periodically sampled and not 100% tested.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com