Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCP25050E/P Datasheet(PDF) 17 Page - Microchip Technology

Part # MCP25050E/P
Description  CAN I/O Expander Family
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP25050E/P Datasheet(HTML) 17 Page - Microchip Technology

Back Button MCP25050E/P Datasheet HTML 13Page - Microchip Technology MCP25050E/P Datasheet HTML 14Page - Microchip Technology MCP25050E/P Datasheet HTML 15Page - Microchip Technology MCP25050E/P Datasheet HTML 16Page - Microchip Technology MCP25050E/P Datasheet HTML 17Page - Microchip Technology MCP25050E/P Datasheet HTML 18Page - Microchip Technology MCP25050E/P Datasheet HTML 19Page - Microchip Technology MCP25050E/P Datasheet HTML 20Page - Microchip Technology MCP25050E/P Datasheet HTML 21Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 66 page
background image
© 2007 Microchip Technology Inc.
DS21664D-page 17
MCP2502X/5X
REGISTER 2-18:
EFLG - ERROR FLAG REGISTER
R-0
R-0
R-0
R-0
R-0
R-0
R-0
R-0
ESCF
RBO
TXBO
TXEP
RXEP
TXWAR
RXWAR
EWARN
bit 7
bit 0
bit 7
ESCF: Error State Change (for sending Error state message)
1
= An error state change occurred
0
= No error state change
bit 6
RBO: Receive Buffer Overflow
1
= Overflow occurred
0
= No overflow occurred
bit 5
TXBO: Transmitter in Bus Off Error State bit
1
= TEC reaches 256
0
= Indicates a successful bus recovery sequence
bit 4
TXEP: Transmitter in Error Passive State bit
1
= TEC is equal to or greater than 128
0
= TEC is less than 128
bit 3
RXEP: Receiver in Error Passive State bit
1
= REC is equal to or greater than 128
0
= REC is less than 128
bit 2
TXWAR: Transmitter in Error Warning State bit
1
= TEC is equal to or greater than 96
0
= TEC is less than 96
bit 1
RXWAR: Receiver in Error Warning State bit
1
= REC is equal to or greater than 96
0
= REC is less than 96
bit 0
EWARN; Either the Receive Error counter or Transmit error counter has reached or exceeded
96 errors
1
= TEC or REC is equal to or greater than 96 (TXWAR or RXWAR = 1)
0
= Both REC and TEC are less than 96
Legend:
R = Readable bit
W = Writable bit
U = Unimplemented bit, read as ‘0’
- n = Value at POR
‘1’ = Bit is set
‘0’ = Bit is cleared
x = Bit is unknown



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com