Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SFPKA455KG1A-R1 Datasheet(PDF) 5 Page - Murata Manufacturing Co., Ltd.

Part # SFPKA455KG1A-R1
Description  Ceramic Discriminators for Communications Equipment
PDF  78 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA [Murata Manufacturing Co., Ltd.]
Direct Link  http://www.murata.com
Logo MURATA - Murata Manufacturing Co., Ltd.

SFPKA455KG1A-R1 Datasheet(HTML) 5 Page - Murata Manufacturing Co., Ltd.

  SFPKA455KG1A-R1 Datasheet HTML 1Page - Murata Manufacturing Co., Ltd. SFPKA455KG1A-R1 Datasheet HTML 2Page - Murata Manufacturing Co., Ltd. SFPKA455KG1A-R1 Datasheet HTML 3Page - Murata Manufacturing Co., Ltd. SFPKA455KG1A-R1 Datasheet HTML 4Page - Murata Manufacturing Co., Ltd. SFPKA455KG1A-R1 Datasheet HTML 5Page - Murata Manufacturing Co., Ltd. SFPKA455KG1A-R1 Datasheet HTML 6Page - Murata Manufacturing Co., Ltd. SFPKA455KG1A-R1 Datasheet HTML 7Page - Murata Manufacturing Co., Ltd. SFPKA455KG1A-R1 Datasheet HTML 8Page - Murata Manufacturing Co., Ltd. SFPKA455KG1A-R1 Datasheet HTML 9Page - Murata Manufacturing Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 78 page
background image
!Note
P05E.pdf
Nov.24,2011
• Please read rating and
!CAUTION (for storage, operating, rating, soldering, mounting and handling) in this catalog to prevent smoking and/or burning, etc.
• This catalog has only typical specifications because there is no space for detailed specifications. Therefore, please review our product specifications or consult the approval sheet for product specifications before ordering.
3
e
CB
w
S
r
10M7
t
GF
u
-R0
y
001
q
CD
(Part Number)
qProduct ID
wOscillation
Ceramic Discriminators for IF (MHz)
CD
Discriminators
Product ID
tProduct Specification
GF
Code
Product Specification
With non-standard products, an alphanumerics indicating "Individual
Specification" is added between "
yIC" and "uPackaging."
eStructure/Size
Embossed Taping ø=180mm
yIC
001
Code
IC
Applicable IC Control Code
uPackaging
-R0
Code
Packaging
Thickness Shear mode
S
Code
Oscillation
Chip Type
C
p
Code
Structure/Size
p is expressed "A" or subsequent code, which indicates the size.
Two-digit alphanumerics express
type, center frequency, rank, others
rNominal Center Frequency
Expressed by four-digit alphanumerics. The unit is in hertz (MHz).
Decimal point is expressed by capital letter "M."
y
A
e
LB
w
B
r
450K
t
C
u
X
i
16
o
-B0
q
CD
(Part Number)
qProduct ID
Ceramic Discriminators for IF (kHz)
CD
Ceramic Discriminators
Quadrature Detection
Product ID
tDetection
C
Code
Detection
Embossed taping is applied to chip type. With non-standard products,
one letter indicating "Individual Specification" is added between
"
iApplicable IC" and "oPackage Specification code."
p is "A" or subsequent code, which indicates the size. It varies
depending on vibration mode and number of elements.
Standard
Application with coil
yApplication
A
L
Code
Application
Low-capacitance
High-capacitance
uElement Type
X
Y
Code
Element Type
Applicable IC Control code
iIC
16
Code
IC
Bulk
Embossed Taping ø=180mm
Embossed Taping ø=330mm
oPackaging
-B0
-R0
-R1
Code
Packaging
Area Expansion mode
wOscillating
B
Code
Oscillating
Chip Type
Lead Type
eStructure/Size
C
p/Kp
L
p
Code
Structure/Size
rNominal Center Frequency
Expressed by four-digit alphanumerics. The unit is in hertz (Hz).
Capital letter "K" following three figures expresses the unit of
"kHz."



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com