Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SFPKA455KG1A-R1 Datasheet(PDF) 41 Page - Murata Manufacturing Co., Ltd.

Part # SFPKA455KG1A-R1
Description  Ceramic Discriminators for Communications Equipment
PDF  78 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA [Murata Manufacturing Co., Ltd.]
Direct Link  http://www.murata.com
Logo MURATA - Murata Manufacturing Co., Ltd.

SFPKA455KG1A-R1 Datasheet(HTML) 41 Page - Murata Manufacturing Co., Ltd.

Back Button SFPKA455KG1A-R1 Datasheet HTML 37Page - Murata Manufacturing Co., Ltd. SFPKA455KG1A-R1 Datasheet HTML 38Page - Murata Manufacturing Co., Ltd. SFPKA455KG1A-R1 Datasheet HTML 39Page - Murata Manufacturing Co., Ltd. SFPKA455KG1A-R1 Datasheet HTML 40Page - Murata Manufacturing Co., Ltd. SFPKA455KG1A-R1 Datasheet HTML 41Page - Murata Manufacturing Co., Ltd. SFPKA455KG1A-R1 Datasheet HTML 42Page - Murata Manufacturing Co., Ltd. SFPKA455KG1A-R1 Datasheet HTML 43Page - Murata Manufacturing Co., Ltd. SFPKA455KG1A-R1 Datasheet HTML 44Page - Murata Manufacturing Co., Ltd. SFPKA455KG1A-R1 Datasheet HTML 45Page - Murata Manufacturing Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 78 page
background image
Ceramic Filters (CERAFIL
r) for Communications Equipment
CERAFIL
r Plastic Case Miniaturized Type CFULB Series
CFULB series ceramic filters are miniature, high-
performance ceramic filters composed of piezoelectric
elements connected in a ladder form.
These filters, only 6.3mm high, are 65% the
volume of conventional types.
They are well suited for miniaturizing various kinds
of communications equipment, pocket pagers, car
radios, cordless telephones and mobile telephones.
c Features
1. Miniature and high selectivity
2. A variety of bandwidths are available
3. Operating temperature range: -20 to +80 (°C)
Storage temperature range: -40 to +85 (°C)
1.8±0.3
2.4±0.3
6.5±0.3
0.8±0.3
0.5±0.1
0.7±0.1
0.7±0.3
(1)
(2)
(3)
(4)
0.15±0.05
Connection
(1): Input
(2): Output
(3)
: Ground
(4)
(in mm)
}
MARKING
EIAJ
CODE
Part Number
Center
Frequency (fo)
(kHz)
6dB
Bandwidth
(kHz)
Stop
Bandwidth
(kHz)
Stop Band
Attenuation
(dB)
Insertion Loss
(dB)
Input/Output
Impedance
(ohm)
CFULB455KB2A-B0
455
±2.0kHz
fn±15.0
min.
fn±30.0 max.
[within 40dB]
27 min.
[within fn±100kHz]
4.0 max.
[at minimum loss point]
1500
CFULB455KC2A-B0
455
±2.0kHz
fn±12.5
min.
fn±24.0 max.
[within 40dB]
27 min.
[within fn±100kHz]
4.0 max.
[at minimum loss point]
1500
CFULB455KD4A-B0
455
±1.5kHz
fn±10.0
min.
fn±20.0 max.
[within 40dB]
27 min.
[within fn±100kHz]
4.0 max.
[at minimum loss point]
1500
CFULB455KE4A-B0
455
±1.5kHz
fn±7.5
min.
fn±15.0 max.
[within 40dB]
27 min.
[within fn±100kHz]
6.0 max.
[at minimum loss point]
1500
CFULB455KF4A-B0
455
±1.5kHz
fn±6.0
min.
fn±12.5 max.
[within 40dB]
27 min.
[within fn±100kHz]
6.0 max.
[at minimum loss point]
2000
CFULB455KG1A-B0
455
±1.0kHz
fn±4.5
min.
fn±10.0 max.
[within 40dB]
25 min.
[within fn±100kHz]
6.0 max.
[at minimum loss point]
2000
CFULB455KH1A-B0
455
±1.0kHz
fn±3.0
min.
fn±9.0 max.
[within 40dB]
35 min.
[within fn±100kHz]
6.0 max.
[at minimum loss point]
2000
CFULB455KJ1A-B0
455
±1.0kHz
fn±2.0
min.
fn±7.5 max.
[within 40dB]
35 min.
[within fn±100kHz]
6.0 max.
[at minimum loss point]
2000
Center frequency (fo) defined by the center of 6dB bandwidth.
(fn) means nominal center frequency 455kHz.
CFULB455K_series filters are 4-element ceramic filters and miniature versions of CFULA455K_series.
For safety purposes, connect the output of filters to the IF amplifier through a DC blocking capacitor. Avoid applying a direct current to the output of ceramic filters.
The order quantity should be an integral multiple of the "Minimum Quantity" shown in package page in this catalog.
E1
R1
Rg
S.S.G.
0dBm
R2
E2
RF Voltmeter
Connection
(1)
(2)
(3)(4)
: Input
: Output
: Ground
(1)
(2)
(3)
(4)
Rg+R1=R2=Input/Output Impedance
c Test Circuit
P05E.pdf
Nov.24,2011
39
!Note • Please read rating and !CAUTION (for storage, operating, rating, soldering, mounting and handling) in this catalog to prevent smoking and/or burning, etc.
• This catalog has only typical specifications because there is no space for detailed specifications. Therefore, please review our product specifications or consult the approval sheet for product specifications before ordering.
11



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com