Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SFPKA455KG1A-R1 Datasheet(PDF) 60 Page - Murata Manufacturing Co., Ltd.

Part # SFPKA455KG1A-R1
Description  Ceramic Discriminators for Communications Equipment
PDF  78 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA [Murata Manufacturing Co., Ltd.]
Direct Link  http://www.murata.com
Logo MURATA - Murata Manufacturing Co., Ltd.

SFPKA455KG1A-R1 Datasheet(HTML) 60 Page - Murata Manufacturing Co., Ltd.

Back Button SFPKA455KG1A-R1 Datasheet HTML 56Page - Murata Manufacturing Co., Ltd. SFPKA455KG1A-R1 Datasheet HTML 57Page - Murata Manufacturing Co., Ltd. SFPKA455KG1A-R1 Datasheet HTML 58Page - Murata Manufacturing Co., Ltd. SFPKA455KG1A-R1 Datasheet HTML 59Page - Murata Manufacturing Co., Ltd. SFPKA455KG1A-R1 Datasheet HTML 60Page - Murata Manufacturing Co., Ltd. SFPKA455KG1A-R1 Datasheet HTML 61Page - Murata Manufacturing Co., Ltd. SFPKA455KG1A-R1 Datasheet HTML 62Page - Murata Manufacturing Co., Ltd. SFPKA455KG1A-R1 Datasheet HTML 63Page - Murata Manufacturing Co., Ltd. SFPKA455KG1A-R1 Datasheet HTML 64Page - Murata Manufacturing Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 60 / 78 page
background image
Continued from the preceding page.
AF
output
Vcc
(1.3V)
0.1μ
0.01μ
C
R
X
IF input
24
13
14
15
16
17
18
19
20
21
22
23
1
12
11
10
9
8
7
6
5
4
3
2
8.2k
0.01μ
560p
100k
1μ
TK14590V (TOKO)
0.15μ
CDBLB455KCAY42-B0
3.3k
Ω
Part Number (X)
C
R
22pF
: F
:
Ω
Unit C
R
c Test Circuit
TK14590/14591
47μ
0.01μ
0.1μ
Vcc
16
15
14
13
12
11
10
9
1
2
3
4
5
6
7
1μ
22
MC3361
100p
1000p
0.1μ
0.1μ
150k
100k
AF output
1k
R
X
IF input
0.022μ
0.1μ 0.1μ
8
Part Number (X)
CDBLB455KCAY49-B0
CDBKB455KCAY49-R0
R
1.8k
Ω
1.5k
Ω
Unit C
R
: F
:
Ω
MC3361
24
22
20 19
16 15 14 13
17
21
23
1
3
5
6
9 10 11 12
8
7
4
2
33μ
0.01μ
1200p
1200p
R
X
AF out
Vcc
CXA3117(SONY)
18
Part Number (X)
CDBLB455KCAY50-B0
CDBKB455KCAY50-R0
R
8.2k
Ω
6.2k
Ω
Unit C
R
: F
:
Ω
CXA3117
Part Number (X)
CDBKB455KCAY66-R0
R
3.0k
Ω
Unit C
R
: F
:
Ω
RX
10μ
S.G.
Vcc
0.1μ
51
0.1μ
AF output
10μ
10k
100k
100k
0.01μ
+
+
12
3
4
5
67
11
12
13
14
8
9
10
NJM2590(JRC)
NJM2590
500
440
450
460
470
Frequency (kHz)
50.0
100
10.0
50
5.0
10
1.0
50.5
10.1
c Recovered Audio Curve
CDBKB455KCAY07-R0
500
440
450
460
470
Frequency (kHz)
50.0
100
10.0
50
5.0
10
1.0
50.5
10.1
CDBLB455KCAY07-B0
Continued on the following page.
P05E.pdf
Nov.24,2011
58
!Note • Please read rating and !CAUTION (for storage, operating, rating, soldering, mounting and handling) in this catalog to prevent smoking and/or burning, etc.
• This catalog has only typical specifications because there is no space for detailed specifications. Therefore, please review our product specifications or consult the approval sheet for product specifications before ordering.
17



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com