Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SFPKA455KG1A-R1 Datasheet(PDF) 43 Page - Murata Manufacturing Co., Ltd.

Part # SFPKA455KG1A-R1
Description  Ceramic Discriminators for Communications Equipment
PDF  78 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA [Murata Manufacturing Co., Ltd.]
Direct Link  http://www.murata.com
Logo MURATA - Murata Manufacturing Co., Ltd.

SFPKA455KG1A-R1 Datasheet(HTML) 43 Page - Murata Manufacturing Co., Ltd.

Back Button SFPKA455KG1A-R1 Datasheet HTML 39Page - Murata Manufacturing Co., Ltd. SFPKA455KG1A-R1 Datasheet HTML 40Page - Murata Manufacturing Co., Ltd. SFPKA455KG1A-R1 Datasheet HTML 41Page - Murata Manufacturing Co., Ltd. SFPKA455KG1A-R1 Datasheet HTML 42Page - Murata Manufacturing Co., Ltd. SFPKA455KG1A-R1 Datasheet HTML 43Page - Murata Manufacturing Co., Ltd. SFPKA455KG1A-R1 Datasheet HTML 44Page - Murata Manufacturing Co., Ltd. SFPKA455KG1A-R1 Datasheet HTML 45Page - Murata Manufacturing Co., Ltd. SFPKA455KG1A-R1 Datasheet HTML 46Page - Murata Manufacturing Co., Ltd. SFPKA455KG1A-R1 Datasheet HTML 47Page - Murata Manufacturing Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 43 / 78 page
background image
Ceramic Filters (CERAFIL
r) for Communications Equipment
CERAFIL
r Plastic Case Miniaturized Type CFWLB Series
CFWLB series ceramic filters are miniature, high-
performance ceramic filters composed of piezoelectric
elements connected in a ladder form.
These filters, only 6.3mm high, are 67% the volume
of conventional types.
They are well suited for miniaturizing various kinds
of communications equipment, pocket pagers, pagers,
car radios, cordless telephones and mobile telephones.
c Features
1. Miniature and high selectivity
2. A variety of bandwidths are available.
3. Operating temperature range: -20 to +80 (°C)
Storage temperature range: -40 to +85 (°C)
2.7±0.3
2.5±0.3
9.5±0.3
0.7±0.3
0.5±0.1
0.7±0.1
0.9±0.3
0.15±0.05
(1)
(3)
(4)
(2)
(5)
2.8±0.3
Connection
(1): Input
(2): Output
(3)
(4) : Ground
(5)
(in mm)
}
MARKING
EIAJ
CODE
Part Number
Nominal Center
Frequency (fn)
(kHz)
6dB
Bandwidth
(kHz)
Stop
Bandwidth
(kHz)
Stop Band
Attenuation
(dB)
Insertion Loss
(dB)
Input/Output
Impedance
(ohm)
CFWLB455KBFA-B0
455.0
fn±15.0
min.
fn±30.0 max.
[within 50dB]
35 min.
[within fn±100kHz]
4.0 max.
[at minimum loss point]
1500
CFWLB455KCFA-B0
455.0
fn±12.5
min.
fn±24.0 max.
[within 50dB]
35 min.
[within fn±100kHz]
4.0 max.
[at minimum loss point]
1500
CFWLB455KDFA-B0
455.0
fn±10.0
min.
fn±20.0 max.
[within 50dB]
35 min.
[within fn±100kHz]
4.0 max.
[at minimum loss point]
1500
CFWLB455KEFA-B0
455.0
fn±7.5
min.
fn±15.0 max.
[within 50dB]
35 min.
[within fn±100kHz]
6.0 max.
[at minimum loss point]
1500
CFWLB455KEFA004-B0
455.0
fn±7.5
min.
fn±15.0 max.
[within 60dB]
60 min.
[within fn±15kHz to 30kHz]
5.0 max.
[at fn]
1500
CFWLB455KFFA-B0
455.0
fn±6.0
min.
fn±12.5 max.
[within 50dB]
35 min.
[within fn±100kHz]
6.0 max.
[at minimum loss point]
2000
CFWLB455KGFA-B0
455.0
fn±4.5
min.
fn±10.0 max.
[within 50dB]
35 min.
[within fn±100kHz]
6.0 max.
[at minimum loss point]
2000
CFWLB455KHFA-B0
455.0
fn±3.0
min.
fn±9.0 max.
[within 50dB]
55 min.
[within fn±100kHz]
6.0 max.
[at minimum loss point]
2000
CFWLB455KJFA-B0
455.0
fn±2.0
min.
fn±7.0 max.
[within 50dB]
55 min.
[within fn±100kHz]
7.0 max.
[at minimum loss point]
2000
CFWLB455K_series filters are 4-element ceramic filters and miniature versions of CFWLA455K_series.
For safety purposes, connect the output of filters to the IF amplifier through a DC blocking capacitor. Avoid applying a direct current to the output of ceramic filters.
The order quantity should be an integral multiple of the "Minimum Quantity" shown in package page in this catalog.
P05E.pdf
Nov.24,2011
41
!Note • Please read rating and !CAUTION (for storage, operating, rating, soldering, mounting and handling) in this catalog to prevent smoking and/or burning, etc.
• This catalog has only typical specifications because there is no space for detailed specifications. Therefore, please review our product specifications or consult the approval sheet for product specifications before ordering.
12



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com