Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SFPKA455KG1A-R1 Datasheet(PDF) 63 Page - Murata Manufacturing Co., Ltd.

Part # SFPKA455KG1A-R1
Description  Ceramic Discriminators for Communications Equipment
PDF  78 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA [Murata Manufacturing Co., Ltd.]
Direct Link  http://www.murata.com
Logo MURATA - Murata Manufacturing Co., Ltd.

SFPKA455KG1A-R1 Datasheet(HTML) 63 Page - Murata Manufacturing Co., Ltd.

Back Button SFPKA455KG1A-R1 Datasheet HTML 59Page - Murata Manufacturing Co., Ltd. SFPKA455KG1A-R1 Datasheet HTML 60Page - Murata Manufacturing Co., Ltd. SFPKA455KG1A-R1 Datasheet HTML 61Page - Murata Manufacturing Co., Ltd. SFPKA455KG1A-R1 Datasheet HTML 62Page - Murata Manufacturing Co., Ltd. SFPKA455KG1A-R1 Datasheet HTML 63Page - Murata Manufacturing Co., Ltd. SFPKA455KG1A-R1 Datasheet HTML 64Page - Murata Manufacturing Co., Ltd. SFPKA455KG1A-R1 Datasheet HTML 65Page - Murata Manufacturing Co., Ltd. SFPKA455KG1A-R1 Datasheet HTML 66Page - Murata Manufacturing Co., Ltd. SFPKA455KG1A-R1 Datasheet HTML 67Page - Murata Manufacturing Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 63 / 78 page
background image
Continued from the preceding page.
440
450
460
470
Frequency (kHz)
500
100
50
10
5
1
50.0
10.0
5.0
1.0
0.5
0.1
c Recovered Audio Curve
CDBKB455KCAY28-R0
440
450
460
470
Frequency (kHz)
500
100
50
10
5
1
50.0
10.0
5.0
1.0
0.5
0.1
CDBLB455KCAY28-B0
440
450
460
470
Frequency (kHz)
500
100
50
10
5
1
50.0
10.0
5.0
1.0
0.5
0.1
CDBKB455KCAY29-R0
440
450
460
470
Frequency (kHz)
500
100
50
10
5
1
50.0
10.0
5.0
1.0
0.5
0.1
CDBLB455KCAY34-B0
440
450
460
470
Frequency (kHz)
500
100
50
10
5
1
50.0
10.0
5.0
1.0
0.5
0.1
CDBKB455KCAY35-R0
Frequency (kHz)
1
10
100
500
425
445
465
486
0.1
0.5
5
50
5
50
1
10
CDBKB455KCLX36-R0
Continued on the following page.
P05E.pdf
Nov.24,2011
61
!Note • Please read rating and !CAUTION (for storage, operating, rating, soldering, mounting and handling) in this catalog to prevent smoking and/or burning, etc.
• This catalog has only typical specifications because there is no space for detailed specifications. Therefore, please review our product specifications or consult the approval sheet for product specifications before ordering.
17



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com