Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SFPKA455KG1A-R1 Datasheet(PDF) 66 Page - Murata Manufacturing Co., Ltd.

Part # SFPKA455KG1A-R1
Description  Ceramic Discriminators for Communications Equipment
PDF  78 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA [Murata Manufacturing Co., Ltd.]
Direct Link  http://www.murata.com
Logo MURATA - Murata Manufacturing Co., Ltd.

SFPKA455KG1A-R1 Datasheet(HTML) 66 Page - Murata Manufacturing Co., Ltd.

Back Button SFPKA455KG1A-R1 Datasheet HTML 62Page - Murata Manufacturing Co., Ltd. SFPKA455KG1A-R1 Datasheet HTML 63Page - Murata Manufacturing Co., Ltd. SFPKA455KG1A-R1 Datasheet HTML 64Page - Murata Manufacturing Co., Ltd. SFPKA455KG1A-R1 Datasheet HTML 65Page - Murata Manufacturing Co., Ltd. SFPKA455KG1A-R1 Datasheet HTML 66Page - Murata Manufacturing Co., Ltd. SFPKA455KG1A-R1 Datasheet HTML 67Page - Murata Manufacturing Co., Ltd. SFPKA455KG1A-R1 Datasheet HTML 68Page - Murata Manufacturing Co., Ltd. SFPKA455KG1A-R1 Datasheet HTML 69Page - Murata Manufacturing Co., Ltd. SFPKA455KG1A-R1 Datasheet HTML 70Page - Murata Manufacturing Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 66 / 78 page
background image
24
22
16
15
1
3
59
7
4
2
10μ
0.1μ
R
X
Vcc (+1.4V)
TA31149(TOSHIBA)
12
11
8
10
6
IF
input
17
430
23
21
20
Vcc Vcc Vcc
19
18
14
13
+
+
+
Part Number (X)
CDBKB455KCAY54-R0
R
2.7k
Ω
Unit C
R
: F
:
Ω
c Test Circuit
TA31149
440
450
460
470
0.0
0.1
0.2
0.3
0.4
Frequency (kHz)
c S Curve
CDBKB455KCAY54-R0
P05E.pdf
Nov.24,2011
64
!Note • Please read rating and !CAUTION (for storage, operating, rating, soldering, mounting and handling) in this catalog to prevent smoking and/or burning, etc.
• This catalog has only typical specifications because there is no space for detailed specifications. Therefore, please review our product specifications or consult the approval sheet for product specifications before ordering.
17



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com