Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SFPKA455KH1A-R1 Datasheet(PDF) 54 Page - Murata Manufacturing Co., Ltd.

Part # SFPKA455KH1A-R1
Description  Ceramic Discriminators for Communications Equipment
PDF  78 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA [Murata Manufacturing Co., Ltd.]
Direct Link  http://www.murata.com
Logo MURATA - Murata Manufacturing Co., Ltd.

SFPKA455KH1A-R1 Datasheet(HTML) 54 Page - Murata Manufacturing Co., Ltd.

Back Button SFPKA455KH1A-R1 Datasheet HTML 50Page - Murata Manufacturing Co., Ltd. SFPKA455KH1A-R1 Datasheet HTML 51Page - Murata Manufacturing Co., Ltd. SFPKA455KH1A-R1 Datasheet HTML 52Page - Murata Manufacturing Co., Ltd. SFPKA455KH1A-R1 Datasheet HTML 53Page - Murata Manufacturing Co., Ltd. SFPKA455KH1A-R1 Datasheet HTML 54Page - Murata Manufacturing Co., Ltd. SFPKA455KH1A-R1 Datasheet HTML 55Page - Murata Manufacturing Co., Ltd. SFPKA455KH1A-R1 Datasheet HTML 56Page - Murata Manufacturing Co., Ltd. SFPKA455KH1A-R1 Datasheet HTML 57Page - Murata Manufacturing Co., Ltd. SFPKA455KH1A-R1 Datasheet HTML 58Page - Murata Manufacturing Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 54 / 78 page
background image
Ceramic Discriminators for Communications Equipment
kHz Type Ceramic Discriminators
Ceramic discriminator consists of a wide band
piezoelectric resonator.
It is ideal for mobile communications equipment due to
its small size and light weight.
Standard line includes products for a wide range of
applications, from cordless telecom to cellular
telephone. Practically adjustment free at the detection
circuit, small size is suitable for downsizing.
c Features
1. Small in size and light weight
2. Adjustment free at detection circuit
3. High sensitivity and stability
4. Wide range of standard products are available for
various ICs.
5. Operating temperature range: -20 to +80 (°C)
Storage temperature range: -40 to +85 (°C)
MARKING
EIAJ
CODE
6.0±0.2
1.15±0.2
1.0±0.1
3.7±0.2
(in mm)
CDBKB Series
(in mm)
MARKING
EIAJ
CODE
4.2±0.2
6.0±0.2
0.5±0.1
0.15±0.05
0.9±0.2
3.0±0.3
CDBLB_CAX Series
(in mm)
MARKING
EIAJ
CODE
4.2±0.2
6.0±0.2
0.5±0.1
0.15±0.05
0.9±0.2
3.0±0.3
CDBLB_CAY Series
Specified by Impedance Characteristics (Type 1)
Part Number
Nominal Center
Frequency (fn)
(kHz)
Inclination of
Impedance Curve (1)
Inclination of
Impedance Curve (2)
Capacitance
(C)
IC
IC Maker
Type
CDBLB455KCAX02-B0
455
447.0±1.5kHz
(at |Z|=2.05kohm)
463.0±1.5kHz
(at |Z|=10.0kohm)
140pF±20%
TA8104F
TOSHIBA
Lead
CDBLB455KCAX31-B0
455
447.0±1.5kHz
(at |Z|=2.05kohm)
463.0±1.5kHz
(at |Z|=10.0kohm)
140pF±20%
TA31141
TOSHIBA
Lead
For safety purposes, avoid applying a direct current between the terminals.
The order quantity should be an integral multiple of the "Minimum Quantity" shown in package page in this catalog.
P05E.pdf
Nov.24,2011
52
!Note • Please read rating and !CAUTION (for storage, operating, rating, soldering, mounting and handling) in this catalog to prevent smoking and/or burning, etc.
• This catalog has only typical specifications because there is no space for detailed specifications. Therefore, please review our product specifications or consult the approval sheet for product specifications before ordering.
17



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com