Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SFPKA455KH1A-R1 Datasheet(PDF) 26 Page - Murata Manufacturing Co., Ltd.

Part # SFPKA455KH1A-R1
Description  Ceramic Discriminators for Communications Equipment
PDF  78 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA [Murata Manufacturing Co., Ltd.]
Direct Link  http://www.murata.com
Logo MURATA - Murata Manufacturing Co., Ltd.

SFPKA455KH1A-R1 Datasheet(HTML) 26 Page - Murata Manufacturing Co., Ltd.

Back Button SFPKA455KH1A-R1 Datasheet HTML 22Page - Murata Manufacturing Co., Ltd. SFPKA455KH1A-R1 Datasheet HTML 23Page - Murata Manufacturing Co., Ltd. SFPKA455KH1A-R1 Datasheet HTML 24Page - Murata Manufacturing Co., Ltd. SFPKA455KH1A-R1 Datasheet HTML 25Page - Murata Manufacturing Co., Ltd. SFPKA455KH1A-R1 Datasheet HTML 26Page - Murata Manufacturing Co., Ltd. SFPKA455KH1A-R1 Datasheet HTML 27Page - Murata Manufacturing Co., Ltd. SFPKA455KH1A-R1 Datasheet HTML 28Page - Murata Manufacturing Co., Ltd. SFPKA455KH1A-R1 Datasheet HTML 29Page - Murata Manufacturing Co., Ltd. SFPKA455KH1A-R1 Datasheet HTML 30Page - Murata Manufacturing Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 78 page
background image
2.0
1.6
1.2
0.8
0.4
0.0
Frequency (MHz)
11.100
10.300
9.500
11.900
11.500
10.700
9.900
0
2
4
6
8
10
c Frequency Characteristics
SFSCE10M7WF03-R0
Frequency (MHz)
6.700
8.700
10.700
12.700
14.700
0
20
40
60
80
SFSCE10M7WF03-R0
P05E.pdf
Nov.24,2011
24
!Note • Please read rating and !CAUTION (for storage, operating, rating, soldering, mounting and handling) in this catalog to prevent smoking and/or burning, etc.
• This catalog has only typical specifications because there is no space for detailed specifications. Therefore, please review our product specifications or consult the approval sheet for product specifications before ordering.
8



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com