Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SFPKA455KH1A-R1 Datasheet(PDF) 68 Page - Murata Manufacturing Co., Ltd.

Part # SFPKA455KH1A-R1
Description  Ceramic Discriminators for Communications Equipment
PDF  78 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA [Murata Manufacturing Co., Ltd.]
Direct Link  http://www.murata.com
Logo MURATA - Murata Manufacturing Co., Ltd.

SFPKA455KH1A-R1 Datasheet(HTML) 68 Page - Murata Manufacturing Co., Ltd.

Back Button SFPKA455KH1A-R1 Datasheet HTML 64Page - Murata Manufacturing Co., Ltd. SFPKA455KH1A-R1 Datasheet HTML 65Page - Murata Manufacturing Co., Ltd. SFPKA455KH1A-R1 Datasheet HTML 66Page - Murata Manufacturing Co., Ltd. SFPKA455KH1A-R1 Datasheet HTML 67Page - Murata Manufacturing Co., Ltd. SFPKA455KH1A-R1 Datasheet HTML 68Page - Murata Manufacturing Co., Ltd. SFPKA455KH1A-R1 Datasheet HTML 69Page - Murata Manufacturing Co., Ltd. SFPKA455KH1A-R1 Datasheet HTML 70Page - Murata Manufacturing Co., Ltd. SFPKA455KH1A-R1 Datasheet HTML 71Page - Murata Manufacturing Co., Ltd. SFPKA455KH1A-R1 Datasheet HTML 72Page - Murata Manufacturing Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 68 / 78 page
background image
48
41
42
43
44
45
46
47
13
12
20
19
18
17
16
15
14
4.7μ
X
150
S.S.G.
Vcc (3.0V)
TEA5757HL
(PHILIPS)
+
40
21
39
22
38
23
37
24
X: CDSCB10M7GA105A-R0
0.1μ
0.1μ
10μ
100μ
10
100k
+
+
AF OUT
DC OUT
330p
0.22μ
11
10
9
8
7
6
5
4
3
2
1
25
26
27
28
29
30
31
32
33
34
35
36
Unit C
R
: F
:
Ω
c Test Circuit
CDSCB10M7GA105A-R0
30
23
24
25
26
27
28
29
1
8
7
6
5
4
3
2
2.2μ
D.C. OUT
S.S.G.
Vcc (1.2V)
AF OUT
TA2154FN (TOSHIBA)
+
22
9
21
10
20
11
19
12
18
13
17
14
16
15
X: CDSCB10M7GA113-R0
X
Unit C
R
: F
:
Ω
CDSCB10M7GA113-R0
0.01μ
0.01μ
0.01μ
0.01μ
0.01μ
0.47μ
2.2μ
0.1μ
0.1μ
0.22μ
4.7μ
120p
220k
68p
15p
82p
47p
1000p
100p
100p
10k
10k
1k
+
10
IF Input
AF Output
Vcc (3.0V)
(TEXAS INSTRUMENTS)
TRF6901
PIC16F84
X
Unit C
R
L
: F
:
Ω
: H
+
X: CDSCB10M7GA119-R0
1
2
3
4
5
6
7
8
9
10
11
12
36
35
34
33
32
31
30
29
28
27
26
25
13 14 15 16 17 18 19 20 21 22 23 24
48 47 46 45 44 43 42 41 40 39 38 37
18 17 16 15 14 13 12 11 10
1
23
4
5
6789
CDSCB10M7GA119-R0
0.47μ
0.01μ
AF Output
D.C. Output
LV23100V (SANYO)
PIC16F84 (Control IC)
10k
10k
10k
Vcc (3.2V)
0.047μ
2.2μ
0.1μ
1k
0.015μ
0.01μ
22μ
10μ
3.3k
+
+
+
+
+
+
+
S.G.
Unit C
R
: F
:
Ω
X: CDSCB10M7GA121-R0
36 35 34 33 32 31 30
28
29
27 26 25 24 23 22 21 20 19
123
4
567
9
8
101112 13 1415 16 1718
18
1
17
2
16
3
15
4
14
5
13
6
12
7
10
9
11
8
CDSCB10M7GA121-R0
Unit C
R
: F
:
Ω
X: CDSCB10M7GA135-R0
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
21
22
23
24
25
26
27
28
29
30
31
32
220k
0.01μ
0.01μ
1000p
0.1μ
0.01μ
1000p
100p
330p
0.033μ
12p
0.01μ
0.01μ
0.01μ
1000p
C.D.
330p
10μ
+
S.G.
Vcc (5.0V)
TH71101, TH71102,
TH71111 or TH71112
(MELEXIS)
FKS-OUT
AF-OUT
330k
CDSCB10M7GA135-R0
1
2
3
4
5
6
7
8
1
2
3
4
5
6
7
8
9
18
17
16
15
14
13
12
11
10
9
10
11
12
13
14
15
16
17
18
19
20
21
22
23
24
25
26
27
28
29
30
31
32
Unit C
R
: F
:
Ω
X: CDSCB10M7GA136-R0
0.1μ
2.2μ
1k
100k
3.3k
+
0.1μ
100p
10k
PIC16F84 (Control IC)
TH7122
[Internal AFC Enabled]
(MELEXIS)
Vcc (5.0V)
0.01μ
0.01μ
0.1μ
0.01μ
330p
330p
100k
330p
S.G.
C.D.
FKS-OUT
AF-OUT
330p
330p
0.01μ
CDSCB10M7GA136-R0
Continued on the following page.
P05E.pdf
Nov.24,2011
66
!Note • Please read rating and !CAUTION (for storage, operating, rating, soldering, mounting and handling) in this catalog to prevent smoking and/or burning, etc.
• This catalog has only typical specifications because there is no space for detailed specifications. Therefore, please review our product specifications or consult the approval sheet for product specifications before ordering.
18



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com