Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SFPKA455KH1A-R1 Datasheet(PDF) 57 Page - Murata Manufacturing Co., Ltd.

Part # SFPKA455KH1A-R1
Description  Ceramic Discriminators for Communications Equipment
PDF  78 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA [Murata Manufacturing Co., Ltd.]
Direct Link  http://www.murata.com
Logo MURATA - Murata Manufacturing Co., Ltd.

SFPKA455KH1A-R1 Datasheet(HTML) 57 Page - Murata Manufacturing Co., Ltd.

Back Button SFPKA455KH1A-R1 Datasheet HTML 53Page - Murata Manufacturing Co., Ltd. SFPKA455KH1A-R1 Datasheet HTML 54Page - Murata Manufacturing Co., Ltd. SFPKA455KH1A-R1 Datasheet HTML 55Page - Murata Manufacturing Co., Ltd. SFPKA455KH1A-R1 Datasheet HTML 56Page - Murata Manufacturing Co., Ltd. SFPKA455KH1A-R1 Datasheet HTML 57Page - Murata Manufacturing Co., Ltd. SFPKA455KH1A-R1 Datasheet HTML 58Page - Murata Manufacturing Co., Ltd. SFPKA455KH1A-R1 Datasheet HTML 59Page - Murata Manufacturing Co., Ltd. SFPKA455KH1A-R1 Datasheet HTML 60Page - Murata Manufacturing Co., Ltd. SFPKA455KH1A-R1 Datasheet HTML 61Page - Murata Manufacturing Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 57 / 78 page
background image
Specified by Recovered Audio Characteristics
Part Number
Nominal Center
Frequency (fn)
(kHz)
Recovered
Audio 3dB BW
(kHz)
Recovered
Audio Output
(mV)
Distortion
(at fn)
(%)
Distortion
(%)
IC
IC Maker
Type
CDBKB450KCAY79-R0
450
fn±3.0 min.
145 ±40
-
-
TB32302FG
TOSHIBA
SMD
CDBKB455KCAY07-R0
455
fn±4.0 min.
350 ±60
3.0 max.
-
MC3357
MOTOROLA SMD
CDBKB455KCAY09-R0
455
fn±4.0 min.
120 ±40
1.5 max.
-
NE604N
PHILIPS
SMD
CDBKB455KCAY13-R0
455
fn±4.0 min.
330 ±50
4.0 max.
-
CXA1003BM
SONY
SMD
CDBKB455KCAY16-R0
455
fn±4.0 min.
175 ±40
2.0 max.
-
MC3372
MOTOROLA SMD
CDBKB455KCAY24-R0
455
fn±4.0 min.
100 ±40
2.0 max.
-
TA31136
TOSHIBA
SMD
CDBKB455KCAY27-R0
455
fn±4.0 min.
90 ±30
2.0 max.
-
TK10487
TOKO
SMD
CDBKB455KCAY28-R0
455
fn±4.0 min.
40 ±20
3.0 max.
-
TA31142F
TOSHIBA
SMD
CDBKB455KCAY29-R0
455
fn±4.0 min.
100 ±30
2.5 max.
-
NE605
PHILIPS
SMD
CDBKB455KCAY35-R0
455
fn±4.0 min.
100 ±40
2.5 max.
-
TK10930
TOKO
SMD
CDBKB455KCAY40-R0
455
fn±4.0 min.
40 ±20
3.5 max.
-
TA31145
TOSHIBA
SMD
CDBKB455KCAY49-R0
455
fn±4.0 min.
45 ±10
3.0 max.
-
MC3361
MOTOROLA SMD
CDBKB455KCAY50-R0
455
fn±4.0 min.
64 ±6.4
4.0 max.
-
CXA3117N
SONY
SMD
CDBKB455KCAY66-R0
455
fn±4.2 min.
40 ±10
4.0 max.
-
NJM2590
JRC
SMD
CDBKB455KCLX36-R0
455
fn±13.0 min.
90 ±30
2.5 max.
5.0 max.
[within fn ±6kHz]
NE(SA)606/NE(SA)616
PHILIPS
SMD
CDBKB455KCLX39-R0
455
fn±11.0 min.
130 ±20
2.5 max.
7.0 max.
[within fn ±8kHz]
NE607/NE617
PHILIPS
SMD
CDBKB455KCLY13-R0
455
fn±13.0 min.
120 ±30
1.5 max.
5.0 max.
[within fn ±8kHz]
CXA1003BM
SONY
SMD
CDBLB455KCAY07-B0
455
fn±4.0 min.
340 ±60
3.0 max.
-
MC3357
MOTOROLA Lead
CDBLB455KCAY13A-B0
455
fn±4.0 min.
350 ±50
3.0 max.
-
CXA1003BM
SONY
Lead
CDBLB455KCAY24-B0
455
fn±4.0 min.
100 ±40
2.0 max.
-
TA31136
TOSHIBA
Lead
CDBLB455KCAY28-B0
455
fn±4.0 min.
40 ±20
3.0 max.
-
TA31142FN
TOSHIBA
Lead
CDBLB455KCAY34-B0
455
fn±4.0 min.
65 ±20
2.5 max.
-
MC13136
MOTOROLA Lead
CDBLB455KCAY40-B0
455
fn±4.0 min.
40 ±20
3.0 max.
-
TA31145
TOSHIBA
Lead
CDBLB455KCAY42-B0
455
fn±4.0 min.
40 ±15
3.0 max.
-
TK14590/TK14591
TOKO
Lead
CDBLB455KCAY49-B0
455
fn±4.0 min.
45 ±10
3.0 max.
-
MC3361
MOTOROLA Lead
CDBLB455KCAY50-B0
455
fn±4.0 min.
64 ±6.4
4.0 max.
-
CXA3117N
SONY
Lead
CDBLB455KCLY09-B0
455
fn±15.0 min.
70 ±20
1.5 max.
3.5 max.
[within fn ±8kHz]
NE604N
PHILIPS
Lead
Continued on the following page.
P05E.pdf
Nov.24,2011
55
!Note • Please read rating and !CAUTION (for storage, operating, rating, soldering, mounting and handling) in this catalog to prevent smoking and/or burning, etc.
• This catalog has only typical specifications because there is no space for detailed specifications. Therefore, please review our product specifications or consult the approval sheet for product specifications before ordering.
17



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com