Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SFPKA455KH1A-R1 Datasheet(PDF) 55 Page - Murata Manufacturing Co., Ltd.

Part # SFPKA455KH1A-R1
Description  Ceramic Discriminators for Communications Equipment
PDF  78 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA [Murata Manufacturing Co., Ltd.]
Direct Link  http://www.murata.com
Logo MURATA - Murata Manufacturing Co., Ltd.

SFPKA455KH1A-R1 Datasheet(HTML) 55 Page - Murata Manufacturing Co., Ltd.

Back Button SFPKA455KH1A-R1 Datasheet HTML 51Page - Murata Manufacturing Co., Ltd. SFPKA455KH1A-R1 Datasheet HTML 52Page - Murata Manufacturing Co., Ltd. SFPKA455KH1A-R1 Datasheet HTML 53Page - Murata Manufacturing Co., Ltd. SFPKA455KH1A-R1 Datasheet HTML 54Page - Murata Manufacturing Co., Ltd. SFPKA455KH1A-R1 Datasheet HTML 55Page - Murata Manufacturing Co., Ltd. SFPKA455KH1A-R1 Datasheet HTML 56Page - Murata Manufacturing Co., Ltd. SFPKA455KH1A-R1 Datasheet HTML 57Page - Murata Manufacturing Co., Ltd. SFPKA455KH1A-R1 Datasheet HTML 58Page - Murata Manufacturing Co., Ltd. SFPKA455KH1A-R1 Datasheet HTML 59Page - Murata Manufacturing Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 55 / 78 page
background image
500K
180
50K
90
10K
5K
0
1K
500
–90
100
–180
400
420
440
460
480
Frequency (kHz)
500
100K
50
c Impedance Curve
CDBLB455KCAX02-B0
500K
180
50K
90
10K
5K
0
1K
500
–90
100
–180
400
420
440
460
480
Frequency (kHz)
500
100K
50
CDBLB455KCAX31-B0
Specified by Impedance Characteristics (Type 2)
Part Number
Nominal Center
Frequency (fn)
Anti-resonant
Frequency (Fa)
Delta F
(Fa-Fr)
Resonant
Resistance (R)
Capacitance
(C)
IC
IC Maker
Type
CDBKB455KCAX33-R0
-
462.0±1.5kHz
40±4.0kHz
200ohm max.
150pF±20%
CXA1474
SONY
SMD
CDBLB455KCAY03-B0
-
455.0±1.5kHz
46±5.0kHz
70ohm max.
550pF±20%
CXA1184M
SONY
Lead
CDBLB455KCAX15-B0
-
463.5±1.0kHz
43±2.0kHz
300ohm max.
140pF±20%
CXA1183M
SONY
Lead
CDBLB455KCAX25-B0
-
465.0±1.5kHz
45±4.0kHz
300ohm max.
135pF±20%
CXA1484
SONY
Lead
CDBLB455KCAX33-B0
-
465.0±1.5kHz
45±4.0kHz
300ohm max.
135pF±20%
CXA1474
SONY
Lead
For safety purposes, avoid applying a direct current between the terminals.
The order quantity should be an integral multiple of the "Minimum Quantity" shown in package page in this catalog.
Continued on the following page.
500K
100K
10K
400
420
440
460
480
500
Frequency (kHz)
500
50
180
50K
90
5K
0
–90
1K
–180
100
c Impedance Curve
CDBKB455KCAX33-R0
100K
180
5K
90
1K
500
0
100
50
–90
–180
380
400
420
440
460
Frequency (kHz)
480
10K
10
50K
CDBLB455KCAY03-B0
P05E.pdf
Nov.24,2011
53
!Note • Please read rating and !CAUTION (for storage, operating, rating, soldering, mounting and handling) in this catalog to prevent smoking and/or burning, etc.
• This catalog has only typical specifications because there is no space for detailed specifications. Therefore, please review our product specifications or consult the approval sheet for product specifications before ordering.
17



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com