Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SFPKA455KH1A-R1 Datasheet(PDF) 69 Page - Murata Manufacturing Co., Ltd.

Part # SFPKA455KH1A-R1
Description  Ceramic Discriminators for Communications Equipment
PDF  78 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA [Murata Manufacturing Co., Ltd.]
Direct Link  http://www.murata.com
Logo MURATA - Murata Manufacturing Co., Ltd.

SFPKA455KH1A-R1 Datasheet(HTML) 69 Page - Murata Manufacturing Co., Ltd.

Back Button SFPKA455KH1A-R1 Datasheet HTML 65Page - Murata Manufacturing Co., Ltd. SFPKA455KH1A-R1 Datasheet HTML 66Page - Murata Manufacturing Co., Ltd. SFPKA455KH1A-R1 Datasheet HTML 67Page - Murata Manufacturing Co., Ltd. SFPKA455KH1A-R1 Datasheet HTML 68Page - Murata Manufacturing Co., Ltd. SFPKA455KH1A-R1 Datasheet HTML 69Page - Murata Manufacturing Co., Ltd. SFPKA455KH1A-R1 Datasheet HTML 70Page - Murata Manufacturing Co., Ltd. SFPKA455KH1A-R1 Datasheet HTML 71Page - Murata Manufacturing Co., Ltd. SFPKA455KH1A-R1 Datasheet HTML 72Page - Murata Manufacturing Co., Ltd. SFPKA455KH1A-R1 Datasheet HTML 73Page - Murata Manufacturing Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 69 / 78 page
background image
Continued from the preceding page.
16
Vcc (3V)
9
10
11
12
13
14
15
1
8
7
6
5
4
3
2
IF IN
AF OUT
0.01μ
33μ
0.01μ
R
10p
4.7μ
X
0.01μ
0.01μ
+
TA31161 (TOSHIBA)
X: CDSCB10M7GF072-R0
R: 820
Unit C
R
L
: F
:
Ω
: H
c Test Circuit
CDSCB10M7GF072-R0
Vcc (5.0V)
+
1
2
3
4
5
6
7
8
9
10
11
12
24
23
22
21
20
19
18
17
16
15
14
13
0.01μ
TA31272FN (TOSHIBA)
AF Output
C.D.
C.D.: Ceramic Discriminator
Unit R
C
L
:
Ω
: F
: H
S.S.G.
CDSCB10M7GF107S-R0
0.01μ
0.01μ
Vcc (3V)
12k
51k
1000p
8p
+
S.S.G.
R
D.C. OUT
AF OUT
X
TK14588V (TOKO)
Unit C
R
L
: F
:
Ω
: H
X: CDSCB10M7GF109-R0
R: 820
9
10
11
12
13
14
15
16
8
7
6
5
4
3
2
1
CDSCB10M7GF109-R0
Vcc (5.0V)
1
2
3
4
5
6
7
8
9
10
11
12
24
23
22
21
20
19
18
17
16
15
14
13
TA31275FN (TOSHIBA)
AF OUT
DC-OUT
X: CDSCB10M7GF123-R0
Unit C
R
: F
:
Ω
S.S.G.
CDSCB10M7GF123-R0
Vcc (5.0V)
1
2
3
4
5
6
7
8
9
10
20
19
18
17
16
15
14
13
12
11
NJM2295AV (JRC)
DC-OUT
180
8p
C.D.
X: CDSCB10M7GF126-R0
Unit C
R
: F
:
Ω
S.G.
+
+
+
+
CDSCB10M7GF126-R0
P05E.pdf
Nov.24,2011
67
!Note • Please read rating and !CAUTION (for storage, operating, rating, soldering, mounting and handling) in this catalog to prevent smoking and/or burning, etc.
• This catalog has only typical specifications because there is no space for detailed specifications. Therefore, please review our product specifications or consult the approval sheet for product specifications before ordering.
18



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com