Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADS1605IPAPR Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part # ADS1605IPAPR
Description  16-Bit, 5MSPS Analog-to-Digital Converter
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

ADS1605IPAPR Datasheet(HTML) 5 Page - Texas Instruments

  ADS1605IPAPR Datasheet HTML 1Page - Texas Instruments ADS1605IPAPR Datasheet HTML 2Page - Texas Instruments ADS1605IPAPR Datasheet HTML 3Page - Texas Instruments ADS1605IPAPR Datasheet HTML 4Page - Texas Instruments ADS1605IPAPR Datasheet HTML 5Page - Texas Instruments ADS1605IPAPR Datasheet HTML 6Page - Texas Instruments ADS1605IPAPR Datasheet HTML 7Page - Texas Instruments ADS1605IPAPR Datasheet HTML 8Page - Texas Instruments ADS1605IPAPR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 38 page
background image
ADS1605
ADS1606
SBAS274H − MARCH 2003 − REVISED MAY 2007
www.ti.com
5
ELECTRICAL CHARACTERISTICS (continued)
All specifications at −40
°C to +85°C, AVDD = 5V, DVDD = IOVDD = 3V, fCLK = 40MHz, External VREF = +3V, 2XMODE = low, VCM = 2.0V,
FIFO disabled, and RBIAS = 37kΩ, unless otherwise noted.
PARAMETER
UNIT
MAX
TYP
MIN
TEST CONDITIONS
Voltage Reference(1)
VREF = (VREFP − VREFN)
2.5
3.0
3.2
V
VREFP
3.75
4.0
4.25
V
VREFN
0.75
1.0
1.25
V
VMID
2.3
2.5
2.8
V
VREF drift
Internal reference (REFEN = low)
50
ppm/
°C
Startup time
Internal reference (REFEN = low)
15
ms
Clock Input
Frequency (fCLK)
40
50
MHz
Duty Cycle
fCLK = 40MHz
45
55
%
Digital Input/Output
VIH
0.7 IOVDD
IOVDD
V
VIL
DGND
0.3 IOVDD
V
VOH
IOH = 50µA
IOVDD − 0.5
V
VOL
IOL = 50µA
DGND +0.5
V
Input leakage
DGND < VDIGIN < IOVDD
±10
µA
Power-Supply Requirements
AVDD
4.75
5.25
V
DVDD
2.7
3.3
V
IOVDD
2.7
5.25
V
AVDD current (IAVDD)
REFEN = low
110
135
mA
AVDD current (IAVDD)
REFEN = high
85
105
mA
DVDD current (IDVDD)
45
55
mA
IOVDD current (IIOVDD)
IOVDD = 3V
4
6
mA
Power dissipation
AVDD = 5V, DVDD = 3V, IOVDD = 3V,
REFEN = high
570
710
mW
Power dissipation
PD = low, CLK disabled
5
mW
Temperature Range
Specified
−40
+85
°C
Operating
−40
+105
°C
Storage
−60
+150
°C
Thermal Resistance,
θJA
PowerPAD
 soldered to PCB with 2oz.
trace and copper pad.
25
°C/W
θJC
PowerPAD
soldered to PCB with 2oz.
trace and copper pad.
0.5
°C/W
(1) The specification limits for VREF, VREFP, VREFN, and VMID apply when using the internal or an external reference. The internal reference
voltages are bounded by the limits shown. When using an external reference, the limits indicate the allowable voltages that can be applied to
the reference pins.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com