Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADS1605IPAPR Datasheet(PDF) 17 Page - Texas Instruments

Click here to check the latest version.
Part # ADS1605IPAPR
Description  16-Bit, 5MSPS Analog-to-Digital Converter
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

ADS1605IPAPR Datasheet(HTML) 17 Page - Texas Instruments

Back Button ADS1605IPAPR Datasheet HTML 13Page - Texas Instruments ADS1605IPAPR Datasheet HTML 14Page - Texas Instruments ADS1605IPAPR Datasheet HTML 15Page - Texas Instruments ADS1605IPAPR Datasheet HTML 16Page - Texas Instruments ADS1605IPAPR Datasheet HTML 17Page - Texas Instruments ADS1605IPAPR Datasheet HTML 18Page - Texas Instruments ADS1605IPAPR Datasheet HTML 19Page - Texas Instruments ADS1605IPAPR Datasheet HTML 20Page - Texas Instruments ADS1605IPAPR Datasheet HTML 21Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 38 page
background image
ADS1605
ADS1606
SBAS274H − MARCH 2003 − REVISED MAY 2007
www.ti.com
17
OVERVIEW
The ADS1605 and ADS1606 are high-performance delta-
sigma ADCs with a default oversampling ratio of 8. The
modulator uses an inherently stable 2-1-1 pipelined delta-
sigma modulator architecture incorporating proprietary
circuitry that allows for very linear high-speed operation.
The modulator samples the input signal at 40MSPS
(when fCLK = 40MHz). A low-ripple linear phase digital fil-
ter decimates the modulator output to provide data output
word rates of 5MSPS with a signal passband out to
2.45MHz. The 2X mode, enabled by a digital I/O pin,
doubles the data rate to 10MSPS by reducing the over-
sampling ratio to 4. See the 2X Mode section for more de-
tails.
Conceptually, the modulator and digital filter measure the
differential input signal, VIN = (AINP – AINN), against the
scaled differential reference, VREF = (VREFP – VREFN),
as shown in Figure 7. The voltage reference can either be
generated internally or supplied externally. An 16-bit paral-
lel data bus, designed for direct connection to DSPs, out-
puts the data. A separate power supply for the I/O allows
flexibility for interfacing to different logic families. Out-of-
range conditions are indicated with a dedicated digital out-
put pin. Analog power dissipation is controlled using an
external resistor. This allows reduced dissipation when
operating at slower speeds. When not in use, power con-
sumption can be dramatically reduced using the PD pin.
The ADS1606 incorporates an adjustable FIFO buffer for
the output data. The level of the FIFO is set by the
FIFO_LEV[2:0] pins. Other than the FIFO buffer, the
ADS1605 and ADS1606 are identical, and are referred to
together in this data sheet as the ADS1605/6.
ANALOG INPUTS (AINP, AINN)
The
ADS1605/6
measures
the
differential signal,
VIN = (AINP − AINN), against the differential reference,
VREF = (VREFP – VREFN). The reference is scaled inter-
nally so that the full-scale differential input voltage is
1.467VREF. That is, the most positive measurable differ-
ential input is 1.467VREF, which produces the most posi-
tive digital output code of 7FFFh. Likewise, the most neg-
ative measurable differential input is –1.467VREF, which
produces the most negative digital output code of 8000h.
The ADS1605/6 supports a very wide range of input sig-
nals. For VREF = 3V, the full-scale input voltages are
±4.4V. Having such a wide input range makes out-of-
range signals unlikely. However, should an out-of-range
signal occur, the digital output OTR will go high.
To achieve the highest analog performance, it is recom-
mended that the inputs be limited to
±1.165VREF
(−2dBFS). For VREF = 3V, the corresponding recom-
mended input range is
±3.78V.
The analog inputs must be driven with a differential signal
to achieve optimum performance. The recommended
common-mode
voltage
of
the
input
signal,
V
CM
+ AINP ) AINN
2
, is 2.0V. For signals larger than
−2dBFS, the input common-mode voltage needs to be
raised in order to meet the absolute input voltage specifi-
cations. The Typical Characteristics show how perfor-
mance varies with input common-mode voltage.
In addition to the differential and common-mode input volt-
ages, the absolute input voltage is also important. This is
the voltage on either input (AINP or AINN) with respect to
AGND. The range for this voltage is:
* 0.1V t (AINN or AINP) t 4.6V
If either input is taken below –0.1V, ESD protection diodes
on the inputs will turn on. Exceeding 4.6V on either input
will result in degradation in the linearity performance. ESD
protection diodes will also turn on if the inputs are taken
above AVDD (+5V).
For signals below –2dBFS, the recommended absolute
input voltage is:
* 0.1V t (AINN or AINP) t 4.2V
Keeping the inputs within this range provides for optimum
performance.
Σ∆
Modulator
Digital
Filter
Parallel
Interface
Σ
1.467V
REF
1.467
V
REF
V
IN
VREFN
IOVDD
VREFP
Σ
AINP
AINN
OTR
2XMODE
FIFO_LEV[2:0]
DOUT[15:0]
ADS1606 Only
FIFO
Figure 7. Conceptual Block Diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com