Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADS1605IPAPR Datasheet(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
Part # ADS1605IPAPR
Description  16-Bit, 5MSPS Analog-to-Digital Converter
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

ADS1605IPAPR Datasheet(HTML) 7 Page - Texas Instruments

Back Button ADS1605IPAPR Datasheet HTML 3Page - Texas Instruments ADS1605IPAPR Datasheet HTML 4Page - Texas Instruments ADS1605IPAPR Datasheet HTML 5Page - Texas Instruments ADS1605IPAPR Datasheet HTML 6Page - Texas Instruments ADS1605IPAPR Datasheet HTML 7Page - Texas Instruments ADS1605IPAPR Datasheet HTML 8Page - Texas Instruments ADS1605IPAPR Datasheet HTML 9Page - Texas Instruments ADS1605IPAPR Datasheet HTML 10Page - Texas Instruments ADS1605IPAPR Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 38 page
background image
ADS1605
ADS1606
SBAS274H − MARCH 2003 − REVISED MAY 2007
www.ti.com
7
PIN ASSIGNMENTS
TQFP PACKAGE
(TOP VIEW)
48
47
46
45
44
43
42
41
40
39
38
37
36
35
34
33
FIFO_LEV[2] (ADS1606 Only)
FIFO_LEV[1] (ADS1606 Only)
FIFO_LEV[0] (ADS1606 Only)
NC
DOUT[15]
DOUT[14]
DOUT[13]
DOUT[12]
DOUT[11]
DOUT[10]
DOUT[9]
DOUT[8]
DOUT[7]
DOUT[6]
DOUT[5]
DOUT[4]
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
AGND
AVDD
AGND
AINN
AINP
AGND
AVDD
RBIAS
AGND
AVDD
AGND
AVDD
REFEN
NC
2XMODE
NC
64
63
62
61
60
59
58
57
56
55
54
17
18
19
20
21
22
23
24
25
26
27
53
52
51
50
49
28
29
30
31
32
AD S1605
AD S1606
Pow erPA D
TM
Terminal Functions
TERMINAL
NAME
NO.
TYPE
DESCRIPTION
AGND
1, 3, 6, 9, 11, 55, 57
Analog
Analog ground
AVDD
2, 7, 10, 12, 58
Analog
Analog supply
AINN
4
Analog input
Negative analog input
AINP
5
Analog input
Positive analog input
RBIAS
8
Analog
Terminal for external analog bias setting resistor
REFEN
13
Digital input: active low
Internal reference enable. Internal pull-down resistor of 170k
Ω to DGND.
NC
14,16, 27, 28, 45, 50
Not connected
These terminals are not connected within the ADS1605/6 and must be left
unconnected.
2XMODE
15
Digital input
Digital filter decimation rate. Internal pull-down resistor of 170k
Ω to DGND.
PD
17
Digital input: active low
Power down all circuitry. Internal pull-up resistor of 170k
Ω to DGND.
DVDD
18, 26, 52
Digital
Digital supply
DGND
19, 25, 51, 54
Digital
Digital ground
RESET
20
Digital input: active low
Reset digital filter
CS
21
Digital input: active low
Chip select
RD
22
Digital input: active low
Read enable
OTR
23
Digital output
Analog inputs out of range
DRDY
24
Digital output: active low
Data ready on falling edge
DOUT [15:0]
29−44
Digital output
Data output. DOUT[15] is the MSB and DOUT[0] is the LSB.
FIFO_LEV[2:0]
46−48
Digital input
FIFO level (for the ADS1606 only). FIFO_LEV[2] is MSB.
NOTE: These terminals must be left disconnected on the ADS1605.
IOVDD
53
Digital
Digital I/O supply
CLK
56
Digital input
Clock input
VCAP
59
Analog
Terminal for external bypass capacitor connection to internal bias voltage
VREFN
60, 61
Analog
Negative reference voltage
VMID
62
Analog
Midpoint voltage
VREFP
63, 64
Analog
Positive reference voltage



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com