Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADS1605IPAPR Datasheet(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
Part # ADS1605IPAPR
Description  16-Bit, 5MSPS Analog-to-Digital Converter
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

ADS1605IPAPR Datasheet(HTML) 11 Page - Texas Instruments

Back Button ADS1605IPAPR Datasheet HTML 7Page - Texas Instruments ADS1605IPAPR Datasheet HTML 8Page - Texas Instruments ADS1605IPAPR Datasheet HTML 9Page - Texas Instruments ADS1605IPAPR Datasheet HTML 10Page - Texas Instruments ADS1605IPAPR Datasheet HTML 11Page - Texas Instruments ADS1605IPAPR Datasheet HTML 12Page - Texas Instruments ADS1605IPAPR Datasheet HTML 13Page - Texas Instruments ADS1605IPAPR Datasheet HTML 14Page - Texas Instruments ADS1605IPAPR Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 38 page
background image
ADS1605
ADS1606
SBAS274H − MARCH 2003 − REVISED MAY 2007
www.ti.com
11
CLK
RESET
t
11
t
23
t
24
t
25
t
26
t
9
DRDY
RD
Figure 6. Reset Timing (ADS1606 with FIFO Enabled)
TIMING REQUIREMENTS FOR FIGURE 6
SYMBOL
DESCRIPTION
MIN
TYP
MAX
UNIT
t9
RESET pulse width
50
ns
t11
RESET rising edge to falling edge of CLK
−5
10
ns
t23
RD pulse low after RESET goes high
8
CLK
Cycles
t24
RD pulse high before first DRDY pulse after RESET goes high
8
CLK
Cycles
t25
DRDY low after RESET goes low
8
× (FIFO level + 1)
CLK
Cycles
t26
Delay from RESET high to valid DOUT (settling to 0.001%)
See Table 4
DRDY
Cycles



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com