Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADS1605IPAPR Datasheet(PDF) 25 Page - Texas Instruments

Click here to check the latest version.
Part # ADS1605IPAPR
Description  16-Bit, 5MSPS Analog-to-Digital Converter
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

ADS1605IPAPR Datasheet(HTML) 25 Page - Texas Instruments

Back Button ADS1605IPAPR Datasheet HTML 21Page - Texas Instruments ADS1605IPAPR Datasheet HTML 22Page - Texas Instruments ADS1605IPAPR Datasheet HTML 23Page - Texas Instruments ADS1605IPAPR Datasheet HTML 24Page - Texas Instruments ADS1605IPAPR Datasheet HTML 25Page - Texas Instruments ADS1605IPAPR Datasheet HTML 26Page - Texas Instruments ADS1605IPAPR Datasheet HTML 27Page - Texas Instruments ADS1605IPAPR Datasheet HTML 28Page - Texas Instruments ADS1605IPAPR Datasheet HTML 29Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 38 page
background image
ADS1605
ADS1606
SBAS274H − MARCH 2003 − REVISED MAY 2007
www.ti.com
25
32/f
CLK
128/f
CLK
DRDY
RD
Figure 24. Example of Skipping Readback when FIFO Level = 4
64/f
CLK
DRDY
FIFO_LEV[2:0]
010 (Level = 4)
Change FIFO_LEV[2:0] here
100 (Level = 8)
RD
32/f
CLK
Figure 25. Example of Synchronized Change of FIFO Level from 4 to 8
ANALOG POWER DISSIPATION
An external resistor connected between the RBIAS pin
and the analog ground sets the analog current level, as
shown in Figure 26. The current is inversely proportion-
al to the resistor value. Table 6 shows the recom-
mended values of RBIAS for different CLK frequencies.
Notice that the analog current can be reduced when us-
ing a slower frequency CLK input because the modula-
tor has more time to settle. Avoid adding any capaci-
tance in parallel to RBIAS , since this will interfere with
the internal circuitry used to set the biasing.
R
BIAS
RBIAS
AGND
ADS1606
ADS1605
Figure 26. External Resistor Used to Set Analog
Power Dissipation
Table 6. Recommended RBIAS Resistor Values for
Different CLK Frequencies
fCLK
DATA
RATE
RBIAS
TYPICAL POWER
DISSIPATION WITH REFEN
HIGH
16MHz
2MHz
60k
Ω
315mW
24MHz
3MHz
50k
Ω
400mW
32MHz
4MHz
45k
Ω
475mW
40MHz
5MHz
37k
Ω
570mW
POWER DOWN (PD)
When not in use, the ADS1605/6 can be powered down
by taking the PD pin low. All circuitry will be shutdown,
including the voltage reference. To minimize the digital
current during power down, stop the clock signal sup-
plied to the CLK input. There is an internal pull-up resis-
tor of 170k
Ω on the PD pin, but it is recommended that
this pin be connected to IOVDD if not used. If using the
ADS1606 with the FIFO enabled, issue a reset after ex-
iting power-down mode. Make sure to allow time for the
reference to start up after exiting power-down mode.
The internal reference typically requires 15ms. After the
reference has stabilized, allow at least 100 DRDY
cycles for the modulator and digital filter to settle before
retrieving data.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com