Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADS1605IPAPR Datasheet(PDF) 23 Page - Texas Instruments

Click here to check the latest version.
Part # ADS1605IPAPR
Description  16-Bit, 5MSPS Analog-to-Digital Converter
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

ADS1605IPAPR Datasheet(HTML) 23 Page - Texas Instruments

Back Button ADS1605IPAPR Datasheet HTML 19Page - Texas Instruments ADS1605IPAPR Datasheet HTML 20Page - Texas Instruments ADS1605IPAPR Datasheet HTML 21Page - Texas Instruments ADS1605IPAPR Datasheet HTML 22Page - Texas Instruments ADS1605IPAPR Datasheet HTML 23Page - Texas Instruments ADS1605IPAPR Datasheet HTML 24Page - Texas Instruments ADS1605IPAPR Datasheet HTML 25Page - Texas Instruments ADS1605IPAPR Datasheet HTML 26Page - Texas Instruments ADS1605IPAPR Datasheet HTML 27Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 38 page
background image
ADS1605
ADS1606
SBAS274H − MARCH 2003 − REVISED MAY 2007
www.ti.com
23
FREQUENCY RESPONSE
The linear phase FIR digital filter sets the overall fre-
quency response. The decimation rate is set to 8
(2XMODE = low) for all the figures shown in this section.
Figure 19 shows the frequency response from dc to
20MHz for fCLK = 40MHz. The frequency response of
the ADS1605/6 filter scales directly with CLK frequency.
For example, if the CLK frequency is decreased by half
(to 20MHz), the values on the X-axis in Figure 19 would
need to be scaled by half, with the span becoming dc to
10MHz.
Figure 20 shows the passband ripple from dc to 2.2MHz
(fCLK = 40MHz). Figure 21 shows a closer view of the
passband transition by plotting the response from
2.0MHz to 2.5MHz (fCLK = 40MHz).
The overall frequency response repeats at multiples of
the CLK frequency. To help illustrate this, Figure 22
shows the response out to 120MHz (fCLK = 40MHz).
Notice how the passband response repeats at 40MHz,
80MHz and 120MHz; it is important to consider this
when there is high-frequency noise present with the sig-
nal. The modulator bandwidth extends to 100MHz.
High-frequency noise around 40MHz and 80MHz will
not be attenuated by either the modulator or the digital
filter. This noise will alias back in-band and reduce the
overall SNR performance unless it is filtered out prior to
the ADS1605/6. To prevent this, place an anti-alias filter
in front of the ADS1605/6 that rolls off before 37MHz.
20
0
−20
−40
−60
−80
−100
−120
04
2
6
10
14
18
8
Frequency (MHz)
12
16
20
f
CL K =40MHz
Figure 19. Frequency Response
0.0025
0.0020
0.0015
0.0010
0.0005
0
−0.0005
−0.0010
−0.0015
−0.0020
00.5
1.0
Frequency (MHz)
1.5
2.0
2.5
f
CLK =40MHz
Figure 20. Passband Ripple
1
0
−1
−2
−3
−4
−5
−6
−7
2.0
2.1
2.05
2.15
2.25
2.35
2.45
2.2
Frequency (MHz)
2.3
2.4
2.5
f
CL K =40MHz
Figure 21. Passband Transition
20
0
−20
−40
−60
−80
−100
020
40
Frequency (MHz)
60
80
120
100
f
CL K = 40MHz
Figure 22. Frequency Response Out to 120MHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com