Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADRF6850 Datasheet(PDF) 5 Page - Analog Devices

Part # ADRF6850
Description  100 MHz to 1000 MHz Integrated Broadband Receiver
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADRF6850 Datasheet(HTML) 5 Page - Analog Devices

  ADRF6850 Datasheet HTML 1Page - Analog Devices ADRF6850 Datasheet HTML 2Page - Analog Devices ADRF6850 Datasheet HTML 3Page - Analog Devices ADRF6850 Datasheet HTML 4Page - Analog Devices ADRF6850 Datasheet HTML 5Page - Analog Devices ADRF6850 Datasheet HTML 6Page - Analog Devices ADRF6850 Datasheet HTML 7Page - Analog Devices ADRF6850 Datasheet HTML 8Page - Analog Devices ADRF6850 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 36 page
background image
ADRF6850
Rev. 0 | Page 5 of 36
TIMING CHARACTERISTICS
I2C Interface Timing
Table 2.
Parameter1
Symbol
Limit
Unit
SCL Clock Frequency
f
SCL
400
kHz max
SCL Pulse Width High
t
HIGH
600
ns min
SCL Pulse Width Low
t
LOW
1300
ns min
Start Condition Hold Time
t
HD;STA
600
ns min
Start Condition Setup Time
t
SU;STA
600
ns min
Data Setup Time
t
SU;DAT
100
ns min
Data Hold Time
t
HD;DAT
300
ns min
Stop Condition Setup Time
t
SU;STO
600
ns min
Data Valid Time
t
VD;DAT
900
ns max
Data Valid Acknowledge Time
t
VD;ACK
900
ns max
Bus Free Time
t
BUF
1300
ns min
1 See Figure 2.
SDA
tHD;STA
tSU;DAT
START
CONDITION
STOP
CONDITION
S
S
S
P
SCL
1/
fSCL
tHIGH
tLOW
tHD;DAT
tVD;DAT AND
tVD;ACK (ACK SIGNAL ONLY)
tBUF
tSU;STO
tSU;STA
Figure 2. I2C Port Timing Diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com