Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADRF6850 Datasheet(PDF) 1 Page - Analog Devices

Part # ADRF6850
Description  100 MHz to 1000 MHz Integrated Broadband Receiver
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADRF6850 Datasheet(HTML) 1 Page - Analog Devices

  ADRF6850 Datasheet HTML 1Page - Analog Devices ADRF6850 Datasheet HTML 2Page - Analog Devices ADRF6850 Datasheet HTML 3Page - Analog Devices ADRF6850 Datasheet HTML 4Page - Analog Devices ADRF6850 Datasheet HTML 5Page - Analog Devices ADRF6850 Datasheet HTML 6Page - Analog Devices ADRF6850 Datasheet HTML 7Page - Analog Devices ADRF6850 Datasheet HTML 8Page - Analog Devices ADRF6850 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 36 page
background image
100 MHz to 1000 MHz
Integrated Broadband Receiver
ADRF6850
Rev. 0
Information furnished by Analog Devices is believed to be accurate and reliable. However, no
responsibilityisassumedbyAnalogDevicesforitsuse,norforanyinfringementsofpatentsorother
rightsofthirdpartiesthatmayresultfromitsuse.Specificationssubjecttochangewithoutnotice.No
license is granted by implication or otherwise under any patent or patent rights of Analog Devices.
Trademarksandregisteredtrademarksarethepropertyoftheirrespectiveowners.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781.329.4700
www.analog.com
Fax: 781.461.3113
©2010 Analog Devices, Inc. All rights reserved.
FEATURES
IQ quadrature demodulator
Integrated fractional-N PLL and VCO
Gain control range: 60 dB
Input frequency range: 100 MHz to 1000 MHz
Input P1dB: +12 dBm at 0 dB gain
Input IP3: +22.5 dBm at 0 dB gain
Noise figure: 11 dB at >39 dB gain, 49 dB at 0 dB gain
Baseband 1 dB bandwidth: 250 MHz in wideband mode,
50 MHz in narrow-band mode
SPI/I2C serial interface
Power supply: +3.3 V/350 mA
APPLICATIONS
Broadband communications
Cellular communications
Satellite communications
GENERAL DESCRIPTION
The ADRF6850 is a highly integrated broadband quadrature
demodulator, frequency synthesizer, and variable gain amplifier
(VGA). The device covers an operating frequency range from
100 MHz to 1000 MHz for use in both narrow-band and wideband
communications applications, performing quadrature demodu-
lation from IF directly to baseband frequencies.
The ADRF6850 demodulator includes a high modulus
fractional-N frequency synthesizer with integrated VCO,
providing better than 1 Hz frequency resolution, and a 60 dB
gain control range provided by a front-end VGA.
Control of all the on-chip registers is through a user-selected
SPI interface or I2C interface. The device operates from a single
power supply ranging from 3.15 V to 3.45 V.
FUNCTIONAL BLOCK DIAGRAM
QBB
QBB
RSET
SDI/SDA
CLK/SCL
SDO
CS
GND
MUXOUT
×2
DOUBLER
5-BIT
DIVIDER
REFERENCE
CHARGE
PUMP
CURRENT SETTING
REFIN
÷2
PHASE
FREQUENCY
DETECTOR
SEQUENCED
GAIN
INTERFACE
+
–
DRIVER
VCO
CORE
0°/90°
VCC1
VCC2
VCC3
VCC4
VCC5
VCC6
VCC7
VCC8
VCC9
LOMON
LOMON
ADRF6850
RFI
RFI
RFCM
VGAIN
60dB
GAIN CONTROL
RANGE
N-COUNTER
INTEGER
REGISTER
FRACTIONAL
REGISTER
MODULUS
225
THIRD-ORDER
FRACTIONAL
INTERPOLATOR
RFCP4 RFCP3 RFCP2 RFCP1
CP
LF3
LF2
LDET
TESTLO
TESTLO
IBB
IBB
CCOMP1
CCOMP2
CCOMP3
VTUNE
VOCM
SPI/
I2C
INTERFACE
RFDIV
Figure 1.


Similar Part No. - ADRF6850

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADRF6801 AD-ADRF6801 Datasheet
1Mb / 36P
750 MHz to 1150 MHz Quadrature Demodulator with Fractional-N PLL and VCO
REV. 0
ADRF6806 AD-ADRF6806 Datasheet
965Kb / 36P
50 MHz to 525 MHz Quadrature Demodulator with Fractional-N PLL and VCO
3/12-Rev. A to Rev. B
ADRF6806-EVALZ AD-ADRF6806-EVALZ Datasheet
965Kb / 36P
50 MHz to 525 MHz Quadrature Demodulator with Fractional-N PLL and VCO
REV. B
ADRF6806-EVALZ AD-ADRF6806-EVALZ Datasheet
965Kb / 36P
50 MHz to 525 MHz Quadrature Demodulator with Fractional-N PLL and VCO
3/12-Rev. A to Rev. B
ADRF6806ACPZ-R7 AD-ADRF6806ACPZ-R7 Datasheet
965Kb / 36P
50 MHz to 525 MHz Quadrature Demodulator with Fractional-N PLL and VCO
REV. B
More results

Similar Description - ADRF6850

ManufacturerPart #DatasheetDescription
logo
Mini-Circuits
PLS-2 MINI-PLS-2 Datasheet
97Kb / 1P
Broadband, 100 to 900 MHz
logo
Micronetics, Inc.
NMA5110-A1M MICRONETICS-NMA5110-A1M Datasheet
252Kb / 2P
High Power Broadband Noise Sources 300 MHz to 1000 MHz
NMA5111-B1T MICRONETICS-NMA5111-B1T Datasheet
347Kb / 2P
High Power Broadband Noise Sources 1000 MHz to 2000 MHz
NMA5200-A1M MICRONETICS-NMA5200-A1M Datasheet
252Kb / 2P
High Power Broadband Noise Sources 100 Hz to 1000 MHz
NMA5200-B1M MICRONETICS-NMA5200-B1M Datasheet
87Kb / 2P
High Power Broadband Noise Sources 100 Hz to 1000 MHz
NS5102-A1X MICRONETICS-NS5102-A1X Datasheet
187Kb / 2P
Broadband Microwave Coaxial Noise Sources 1000 MHz to 18000 MHz
NS5102-A2X MICRONETICS-NS5102-A2X Datasheet
207Kb / 2P
Broadband Microwave Coaxial Noise Sources 1000 MHz to 18000 MHz
NSL2-A MICRONETICS-NSL2-A Datasheet
52Kb / 2P
Broadband Microwave Coaxial Noise Sources 1 MHz to 1000 MHz
NSL2-B MICRONETICS-NSL2-B Datasheet
52Kb / 2P
Broadband Microwave Coaxial Noise Sources 1 MHz to 1000 MHz
NSL2L-B MICRONETICS-NSL2L-B Datasheet
52Kb / 2P
Broadband Microwave Coaxial Noise Sources 1 MHz to 1000 MHz
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com