Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADRF6850 Datasheet(PDF) 19 Page - Analog Devices

Part # ADRF6850
Description  100 MHz to 1000 MHz Integrated Broadband Receiver
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADRF6850 Datasheet(HTML) 19 Page - Analog Devices

Back Button ADRF6850 Datasheet HTML 15Page - Analog Devices ADRF6850 Datasheet HTML 16Page - Analog Devices ADRF6850 Datasheet HTML 17Page - Analog Devices ADRF6850 Datasheet HTML 18Page - Analog Devices ADRF6850 Datasheet HTML 19Page - Analog Devices ADRF6850 Datasheet HTML 20Page - Analog Devices ADRF6850 Datasheet HTML 21Page - Analog Devices ADRF6850 Datasheet HTML 22Page - Analog Devices ADRF6850 Datasheet HTML 23Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 36 page
background image
ADRF6850
Rev. 0 | Page 19 of 36
U3
CLR2
Q2
D2
U2
DOWN
UP
HI
HI
CP
–IN
+IN
CHARGE
PUMP
DELAY
CLR1
Q1
D1
U1
Figure 56. PFD Simplified Schematic
Lock Detect (LDET)
LDET (Pin 40) signals when the PLL has achieved lock to an
error frequency of less than 1 kHz. On a write to Register CR0,
a new PLL acquisition cycle starts, and the LDET signal goes
low. When lock has been achieved, this signal returns high.
Voltage Controlled Oscillator (VCO)
The VCO core in the ADRF6850 consists of three separate VCOs,
each with 16 overlapping bands. This configuration of 48 bands
allows the VCO frequency range to extend from 2000 MHz to
4000 MHz. The three VCOs are divided externally by a program-
mable divider (RFDIV controlled by Register CR28, Bits[2:0]).
This divider provides divisions of 1, 2, 4, and 8 to ensure that the
frequency range is extended from 250 MHz (2000 MHz/8) to
4000 MHz (4000 MHz/1). A lower limit of only 400 MHz is
required. A divide-by-4 quadrature circuit provides the full LO
frequency range from 100 MHz to 1000 MHz. Figure 57 shows
a sweep of VTUNE vs. LO frequency demonstrating the three VCOs
overlapping and the multiple overlapping bands within each
VCO at the LO frequency range of 100 MHz to 1000 MHz. Note
that this plot includes the RFDIV divider being incorporated to
provide further divisions of the fundamental VCO frequency;
thus, each VCO is used on four different occasions throughout the
full LO frequency range. The choice of three 16-band VCOs and
an RFDIV divider allows the wide frequency range to be covered
without large VCO sensitivity (KVCO) or resultant poor phase
noise and spurious performance.
0.9
1.1
1.3
1.5
1.7
1.9
2.1
2.3
2.5
100
200
300
400
500
600
700
800
900
1000
LO FREQUENCY (MHz)
Figure 57. VTUNE vs. LO Frequency
The correct VCO and band are chosen automatically by the
VCO and band select circuitry when Register CR0 is updated.
This is referred to as autocalibration. The autocalibration time
is set by Register CR25.
Autocalibration Time = (BSCDIV × 24)/PFD
(3)
where:
BSCDIV = Register CR25, Bits[7:0].
PFD = PFD frequency.
For a PFD frequency of 27 MHz, BSCDIV = 112 to set an
autocalibration time of 100 µs.
Note that BSCDIV must be recalculated if the PFD frequency is
changed. The recommended autocalibration setting is 100 µs.
During this time, the VCO VTUNE is disconnected from the output
of the loop filter and is connected to an internal reference voltage.
A typical frequency acquisition is shown in Figure 58.
1
10
100
1k
10k
100k
1M
10M
100M
1G
0
50
100
150
200
250
300
350
400
450
500
TIME (µs)
ACQUISITION TO 1kHz
AUTOCAL
TIME (µs)
Figure 58. PLL Acquisition
After autocalibration, normal PLL action resumes, and the
correct frequency is acquired to within a frequency error of
1 kHz in 260 μs typically. For a maximum cumulative step of
100 kHz, autocalibration can be turned off by Register CR24,
Bit 0. This enables cumulative PLL acquisitions of 100 kHz or
less to occur without the autocalibration procedure, which
improves acquisition times significantly (see Figure 59).
1
10
100
1k
10k
100k
1M
10M
100M
1G
0
20
40
60
80
100
120
140
160
180
200
TIME (µs)
ACQUISITION TO 1kHz
Figure 59. PLL Acquisition Without Autocalibration for a 100 kHz Step



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com