Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADRF6850 Datasheet(PDF) 29 Page - Analog Devices

Part # ADRF6850
Description  100 MHz to 1000 MHz Integrated Broadband Receiver
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADRF6850 Datasheet(HTML) 29 Page - Analog Devices

Back Button ADRF6850 Datasheet HTML 25Page - Analog Devices ADRF6850 Datasheet HTML 26Page - Analog Devices ADRF6850 Datasheet HTML 27Page - Analog Devices ADRF6850 Datasheet HTML 28Page - Analog Devices ADRF6850 Datasheet HTML 29Page - Analog Devices ADRF6850 Datasheet HTML 30Page - Analog Devices ADRF6850 Datasheet HTML 31Page - Analog Devices ADRF6850 Datasheet HTML 32Page - Analog Devices ADRF6850 Datasheet HTML 33Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 36 page
background image
ADRF6850
Rev. 0 | Page 29 of 36
Table 21. Register CR24 (Address 0x18), Autocalibration
Bit
Description
7
Reserved
6
Reserved
5
Reserved
4
Reserved
3
Reserved
2
Reserved
1
Reserved
0
Disable autocalibration
0 = enable autocalibration (default)
1 = disable autocalibration
Table 22. Register CR25 (Address 0x19), Autocalibration
Timer
Bit
Description
[7:0]
Autocalibration timer
Table 23. Register CR27 (Address 0x1B), LO Monitor Output
Bit
Description
7
Reserved
6
Reserved
5
Reserved
4
Reserved
3
Reserved
2
Power-up monitor output
0 = power down (default)
1 = power up
[1:0]
Monitor output power into 50 Ω
00 = −24 dBm (default)
01 = −18 dBm
10 = −12 dBm
11 = −6 dBm
Table 24. Register CR28 (Address 0x1C), LO Selection
Bit
Description
7
Reserved
6
Reserved
5
Reserved
4
Reserved
3
Reserved; set to 1
[2:0]
RFDIV
000 = divide by 1; LO = 500 MHz to 1000 MHz
001 = divide by 2; LO = 250 MHz to 500 MHz
010 = divide by 4; LO = 125 MHz to 250 MHz
011 = divide by 8; LO = 100 MHz to 125 MHz
Table 25. Register CR29 (Address 0x1D), Demodulator
Power and Filter Selection
Bit
Description
7
Reserved
6
Internal baseband (V
OCM) select
0 = select external baseband (V
OCM) reference
1 = select internal baseband (V
OCM) reference
[5:4]
Narrow-band filter cut off
00 = 50 MHz
01 = 43 MHz
10 = 37 MHz
11 = 30 MHz
3
Baseband wideband/narrow-band modes
0 = narrow-band mode
1 = wideband mode
2
Reserved; set to 0
1
Reserved; set to 0
0
Power-up demodulator
0 = power down (default)
1 = power up
Table 26. Register CR30 (Address 0x1E), VGA
Bit
Description
7
Reserved
6
Reserved
5
Reserved
4
Reserved
3
Reserved
2
VGA gain mode polarity
0 = positive gain slope
1 = negative gain slope
1
Reserved
0
Power-up VGA
0 = power down
1 = power up
Table 27. Register CR33 (Address 0x21), Revision Code1
Bit
Description
7
Revision code
6
Revision code
5
Revision code
4
Revision code
3
Revision code
2
Revision code
1
Revision code
0
Revision code
1 Read-only register.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com