Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADRF6850 Datasheet(PDF) 14 Page - Analog Devices

Part # ADRF6850
Description  100 MHz to 1000 MHz Integrated Broadband Receiver
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADRF6850 Datasheet(HTML) 14 Page - Analog Devices

Back Button ADRF6850 Datasheet HTML 10Page - Analog Devices ADRF6850 Datasheet HTML 11Page - Analog Devices ADRF6850 Datasheet HTML 12Page - Analog Devices ADRF6850 Datasheet HTML 13Page - Analog Devices ADRF6850 Datasheet HTML 14Page - Analog Devices ADRF6850 Datasheet HTML 15Page - Analog Devices ADRF6850 Datasheet HTML 16Page - Analog Devices ADRF6850 Datasheet HTML 17Page - Analog Devices ADRF6850 Datasheet HTML 18Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 36 page
background image
ADRF6850
Rev. 0 | Page 14 of 36
0
5
10
15
20
25
30
MINIMUM CHANNEL GAIN (dB)
NOMINAL
WORST-CASE
Figure 29. Minimum Channel Gain Distribution at Nominal and
Worst-Case Conditions
3.30V, 25°C
3.15V, –40°C
3.45V, –40°C
3.15V, 85°C
3.45V, 85°C
60.0
60.5
61.0
61.5
62.0
62.5
63.0
100
200
300
400
500
600
700
800
900
1000
RF INPUT FREQUENCY (MHz)
Figure 30. Maximum Channel Gain vs. RF Input Frequency,
Supply, and Temperature
0
5
10
15
20
25
MAXIMUM CHANNEL GAIN (dB)
NOMINAL
WORST-CASE
Figure 31. Maximum Channel Gain Distribution at Nominal and
Worst-Case Conditions
–3
–2
–1
0
1
2
3
VGAIN (V)
RF = 100MHz
RF = 300MHz
RF = 550MHz
RF = 800MHz
RF = 1000MHz
0
0.1 0.2 0.3 0.4 0.5 0.6 0.7 0.8 0.9 1.0 1.1 1.2 1.3 1.4 1.5
Figure 32. Channel Gain Conformance Error vs. VGAIN and RF Input Frequency,
Nominal Conditions
–35
–30
–25
–20
–15
–10
–5
0
100
200
300
400
500
600
700
800
900
1000
RF INPUT FREQUENCY (MHz)
VGAIN = 0V
VGAIN = 0.5V
VGAIN = 1.0V
VGAIN = 1.5V
Figure 33. Input Return Loss vs. RF Input Frequency and Channel Gain,
Nominal Conditions
–100
–90
–80
–70
–60
–50
–40
–30
–20
–10
0
100
200
300
400
500
600
700
800
900
1000
LO FREQUENCY (MHz)
INTEGER BOUNDARY SPUR AT 9.6kHz OFFSET
INTEGER BOUNDARY SPUR AT 19.2kHz OFFSET
INTEGER BOUNDARY SPUR AT 38.4kHz OFFSET
Figure 34. Integer Boundary Spurs vs. LO Frequency, Channel Gain,
Supply, and Temperature



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com