Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADRF6850 Datasheet(PDF) 22 Page - Analog Devices

Part # ADRF6850
Description  100 MHz to 1000 MHz Integrated Broadband Receiver
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADRF6850 Datasheet(HTML) 22 Page - Analog Devices

Back Button ADRF6850 Datasheet HTML 18Page - Analog Devices ADRF6850 Datasheet HTML 19Page - Analog Devices ADRF6850 Datasheet HTML 20Page - Analog Devices ADRF6850 Datasheet HTML 21Page - Analog Devices ADRF6850 Datasheet HTML 22Page - Analog Devices ADRF6850 Datasheet HTML 23Page - Analog Devices ADRF6850 Datasheet HTML 24Page - Analog Devices ADRF6850 Datasheet HTML 25Page - Analog Devices ADRF6850 Datasheet HTML 26Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 36 page
background image
ADRF6850
Rev. 0 | Page 22 of 36
SPI INTERFACE
The ADRF6850 supports the SPI protocol; however, the part
powers up in I2C mode. To select and lock the SPI mode, three
pulses must be sent to the CS pin, as shown in Figure 65. When
the SPI protocol is locked in, it cannot be unlocked while the
device remains powered up. To reset the serial interface, the
part must be powered down and powered up again.
Serial Interface Selection
The CS pin controls selection of the I2C or SPI interface.
Figure 65 shows the selection process that is required to lock
in the SPI mode. To communicate with the part using the SPI
protocol, three pulses must be sent to the CS pin. On the third
rising edge, the part selects and locks the SPI protocol. Consistent
with most SPI standards, the CS pin must be held low during all
SPI communication to the part and held high at all other times.
SPI Serial Interface Functionality
The SPI serial interface of the ADRF6850 consists of the CS,
SDI (SDI/SDA), CLK (CLK/SCL), and SDO pins. CS is used to
select the device when more than one device is connected to the
serial clock and data lines. CLK is used to clock data in and out
of the part. The SDI line is used to write to the registers. The
SDO pin is a dedicated output for the read mode. The part
operates in slave mode and requires an externally applied serial
clock to the CLK pin. The serial interface is designed to allow
the part to be interfaced to systems that provide a serial clock
that is synchronized to the serial data.
Figure 66 shows an example of a write operation to the ADRF6850.
Data is clocked into the registers on the rising edge of CLK using
a 24-bit write command. The first eight bits represent the write
command (0xD4), the next eight bits are the register address, and
the final eight bits are the data to be written to the specific register.
Figure 67 shows an example of a read operation. In this example,
a shortened 16-bit write command is first used to select the appro-
priate register for a read operation, the first eight bits representing
the write command (0xD4) and the final eight bits representing
the specific register. Then the CS line is pulsed low for a second
time to retrieve data from the selected register using a 16-bit
read command, the first eight bits representing the read command
(0xD5) and the final eight bits representing the contents of the
register being read. Figure 3 shows the timing for both SPI read
and SPI write operations.
SPI LOCKED ON
THIRD RISING EDGE
SPI FRAMING
EDGE
C
B
A
SPI LOCKED ON
THIRD RISING EDGE
SPI FRAMING
EDGE
C
B
A
CS
(STARTING
HIGH)
CS
(STARTING
LOW)
Figure 65. Selecting the SPI Protocol



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com