Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADA4666-2ACPZ-R7 Datasheet(PDF) 26 Page - Analog Devices

Part # ADA4666-2ACPZ-R7
Description  18 V, 725 A, 4 MHz CMOS RRIO Operational Amplifier
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADA4666-2ACPZ-R7 Datasheet(HTML) 26 Page - Analog Devices

Back Button ADA4666-2ACPZ-R7 Datasheet HTML 22Page - Analog Devices ADA4666-2ACPZ-R7 Datasheet HTML 23Page - Analog Devices ADA4666-2ACPZ-R7 Datasheet HTML 24Page - Analog Devices ADA4666-2ACPZ-R7 Datasheet HTML 25Page - Analog Devices ADA4666-2ACPZ-R7 Datasheet HTML 26Page - Analog Devices ADA4666-2ACPZ-R7 Datasheet HTML 27Page - Analog Devices ADA4666-2ACPZ-R7 Datasheet HTML 28Page - Analog Devices ADA4666-2ACPZ-R7 Datasheet HTML 29Page - Analog Devices ADA4666-2ACPZ-R7 Datasheet HTML 30Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 32 page
background image
ADA4666-2
Data Sheet
Rev. 0 | Page 26 of 32
Figure 81. Four-Pole Low-Pass Filter
Table 8. Q Requirements and Pole Positions
Section
Poles
Q
A
−0.9239 ± j0.3827
0.5412
B
−0.3827 ± j0.9239
1.3065
The Sallen-Key topology is widely used due to its simple design
with few circuit elements. This topology provides the user the
flexibility of implementing either a low-pass or a high-pass filter
by simply interchanging the resistors and capacitors. The
ADA4666-2 is configured in unity gain with a corner frequency
at 10 kHz. An active filter requires an op amp with a unity-gain
bandwidth that is at least 100 times greater than the product of
the corner frequency, fC, and the quality factor, Q. The resistors
and capacitors are also important in determining the perfor-
mance over manufacturing tolerances, time, and temperature.
At least 1% or better tolerance resistors and 5% or better
tolerance capacitors are recommended.
Figure 82 shows the frequency response of the low-pass Sallen-
Key filter, where:
VOUT1 is the output of the first stage.
VOUT2 is the output of the second stage.
VOUT1 shows a 40 dB/decade roll-off and VOUT2 shows an
80 dB/decade roll-off. The transition band becomes sharper as
the order of the filter increases.
Figure 82. Low-Pass Filter: Gain vs. Frequency
CAPACITIVE LOAD DRIVE
The ADA4666-2 can safely drive capacitive loads of up to 50 pF
in any configuration. As with most amplifiers, driving larger
capacitive loads than specified may cause excessive overshoot
and ringing, or even oscillation. Heavy capacitive load reduces
phase margin and causes the amplifier frequency response to
peak. Peaking corresponds to overshooting or ringing in the
time domain. Therefore, it is recommended that external
compensation be used if the ADA4666-2 must drive a load
exceeding 50 pF. This compensation is particularly important in
the unity-gain configuration, which is the worst case for
stability.
A quick and easy way to stabilize the op amp for capacitive load
drive is by adding a series resistor, RISO, between the amplifier
output terminal and the load capacitance, as shown in Figure 83.
RISO isolates the amplifier output and feedback network from
the capacitive load. However, with this compensation scheme,
the output impedance as seen by the load increases, and this
reduces gain accuracy.
Figure 83. Stability Compensation with Isolating Resistor, RISO
Figure 84 shows the effect of the compensation scheme on the
frequency response of the amplifier in unity-gain configuration
driving 250 pF of load.
1/2
–VSY
VIN
+VSY
VOUT1
C1
5.6nF
ADA4666-2
SECTION B
SECTION A
R2
2.55k
R1
2.55k
C2
6.8nF
1/2
–VSY
+VSY
VOUT2
C3
1nF
ADA4666-2
R4
6.19k
R3
6.19k
C4
6.8nF
–120
–100
–80
–60
–40
–20
0
20
100
1k
10k
100k
1M
VSY = ±9V
VOUT1
VOUT2
VIN = 50mV p-p
FREQUENCY (Hz)
1/2
–VSY
VIN
+VSY
VOUT
CL
ADA4666-2
RISO



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com