Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADA4666-2ACPZ-R7 Datasheet(PDF) 15 Page - Analog Devices

Part # ADA4666-2ACPZ-R7
Description  18 V, 725 A, 4 MHz CMOS RRIO Operational Amplifier
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADA4666-2ACPZ-R7 Datasheet(HTML) 15 Page - Analog Devices

Back Button ADA4666-2ACPZ-R7 Datasheet HTML 11Page - Analog Devices ADA4666-2ACPZ-R7 Datasheet HTML 12Page - Analog Devices ADA4666-2ACPZ-R7 Datasheet HTML 13Page - Analog Devices ADA4666-2ACPZ-R7 Datasheet HTML 14Page - Analog Devices ADA4666-2ACPZ-R7 Datasheet HTML 15Page - Analog Devices ADA4666-2ACPZ-R7 Datasheet HTML 16Page - Analog Devices ADA4666-2ACPZ-R7 Datasheet HTML 17Page - Analog Devices ADA4666-2ACPZ-R7 Datasheet HTML 18Page - Analog Devices ADA4666-2ACPZ-R7 Datasheet HTML 19Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 32 page
background image
Data Sheet
ADA4666-2
Rev. 0 | Page 15 of 32
Figure 30. Supply Current vs. Common-Mode Voltage
Figure 31. Supply Current vs. Supply Voltage
Figure 32. Open-Loop Gain and Phase vs. Frequency
Figure 33. Supply Current vs. Common-Mode Voltage
Figure 34. Supply Current vs. Temperature
Figure 35. Open-Loop Gain and Phase vs. Frequency
0
100
200
300
400
500
600
700
800
900
1000
0
0.5
1.0
1.5
2.0
2.5
3.0
VCM (V)
–40°C
+25°C
+85°C
+125°C
VSY = 3V
0
200
400
600
800
1000
0
2
4
6
8
10
12
14
16
18
VSY (V)
–40°C
+25°C
+85°C
+125°C
VCM = VSY/2
–90
–45
0
45
90
135
–20
0
20
40
60
80
10k
100k
1M
10M
FREQUENCY (Hz)
CL = 0pF
CL = 10pF
CL = 0pF
CL = 10pF
VSY = 3V
RL = 10kΩ
GAIN
PHASE
0
100
200
300
400
500
600
700
800
900
1000
0
3
6
9
12
15
18
VCM (V)
–40°C
+25°C
+85°C
+125°C
VSY = 18V
0
100
200
300
400
500
600
700
800
900
1000
–50
–25
0
25
50
75
100
125
TEMPERATURE (°C)
VSY = 3V
VSY = 10V
VSY = 18V
VCM = VSY/2
10k
100k
1M
10M
–90
–45
0
45
90
135
–20
0
20
40
60
80
FREQUENCY (Hz)
GAIN
PHASE
CL = 0pF
CL = 10pF
CL = 0pF
CL = 10pF
VSY = 18V
RL = 10kΩ



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com