Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADA4666-2ACPZ-R7 Datasheet(PDF) 12 Page - Analog Devices

Part # ADA4666-2ACPZ-R7
Description  18 V, 725 A, 4 MHz CMOS RRIO Operational Amplifier
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADA4666-2ACPZ-R7 Datasheet(HTML) 12 Page - Analog Devices

Back Button ADA4666-2ACPZ-R7 Datasheet HTML 8Page - Analog Devices ADA4666-2ACPZ-R7 Datasheet HTML 9Page - Analog Devices ADA4666-2ACPZ-R7 Datasheet HTML 10Page - Analog Devices ADA4666-2ACPZ-R7 Datasheet HTML 11Page - Analog Devices ADA4666-2ACPZ-R7 Datasheet HTML 12Page - Analog Devices ADA4666-2ACPZ-R7 Datasheet HTML 13Page - Analog Devices ADA4666-2ACPZ-R7 Datasheet HTML 14Page - Analog Devices ADA4666-2ACPZ-R7 Datasheet HTML 15Page - Analog Devices ADA4666-2ACPZ-R7 Datasheet HTML 16Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 32 page
background image
ADA4666-2
Data Sheet
Rev. 0 | Page 12 of 32
Figure 12. Input Offset Voltage vs. Common-Mode Voltage
Figure 13. Input Offset Voltage vs. Common-Mode Voltage
Figure 14. Small Signal CMRR vs. Common-Mode Voltage
Figure 15. Input Offset Voltage vs. Common-Mode Voltage
Figure 16. Input Offset Voltage vs. Common-Mode Voltage
Figure 17. Small Signal PSRR vs. Common-Mode Voltage
0
0.3
0.6
0.9
1.2
1.5
1.8
2.1
2.4
2.7
3.0
VCM (V)
VSY = 3V
25 CHANNELS AT –40°C AND +85°C
–1500
–1000
–500
0
500
1000
1500
0
0.3
0.6
0.9
1.2
1.5
1.8
2.1
2.4
2.7
3.0
VCM (V)
VSY = 3V
25 CHANNELS AT –40°C AND +125°C
–1500
–1000
–500
0
500
1000
1500
–140
–120
–100
–80
–60
–40
–20
0
0
1
2
3
4
5
6
7
8
9
10
VCM (V)
VSY = 10V
ΔVCM = 400mV
VCM (V)
VSY = 18V
25 CHANNELS AT –40°C AND +85°C
–1500
–1000
–500
0
500
1000
1500
VCM (V)
VSY = 18V
25 CHANNELS AT –40°C AND +125°C
–1500
–1000
–500
0
500
1000
1500
–180
–160
–140
–120
–100
–80
–60
–40
–20
0
0
1
2
3
4
5
6
7
8
9
10
VCM (V)
VSY = 10V
ΔVSY = 400mV
PSRR–
PSRR+



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com