Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADA4666-2ACPZ-R7 Datasheet(PDF) 24 Page - Analog Devices

Part # ADA4666-2ACPZ-R7
Description  18 V, 725 A, 4 MHz CMOS RRIO Operational Amplifier
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADA4666-2ACPZ-R7 Datasheet(HTML) 24 Page - Analog Devices

Back Button ADA4666-2ACPZ-R7 Datasheet HTML 20Page - Analog Devices ADA4666-2ACPZ-R7 Datasheet HTML 21Page - Analog Devices ADA4666-2ACPZ-R7 Datasheet HTML 22Page - Analog Devices ADA4666-2ACPZ-R7 Datasheet HTML 23Page - Analog Devices ADA4666-2ACPZ-R7 Datasheet HTML 24Page - Analog Devices ADA4666-2ACPZ-R7 Datasheet HTML 25Page - Analog Devices ADA4666-2ACPZ-R7 Datasheet HTML 26Page - Analog Devices ADA4666-2ACPZ-R7 Datasheet HTML 27Page - Analog Devices ADA4666-2ACPZ-R7 Datasheet HTML 28Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 32 page
background image
ADA4666-2
Data Sheet
Rev. 0 | Page 24 of 32
COMPARATOR OPERATION
An op amp is designed to operate in a closed-loop configuration
with feedback from its output to its inverting input. Figure 73
shows the ADA4666-2 configured as a voltage follower with an
input voltage that is always kept at the midpoint of the power
supplies. The same configuration is applied to the unused
channel. A1 and A2 indicate the placement of ammeters to
measure supply current. ISY+ refers to the current flowing from
the upper supply rail to the op amp, and ISY− refers to the
current flowing from the op amp to the lower supply rail. As
shown in Figure 74, in normal operating conditions, the total
current flowing into the op amp is equivalent to the total current
flowing out of the op amp, where ISY+ = ISY− = 630 μA per amplifier
at VSY = 18 V.
Figure 73. Voltage Follower
Figure 74. Supply Current vs. Supply Voltage (Voltage Follower)
In contrast to op amps, comparators are designed to work in an
open-loop configuration and to drive logic circuits. Although
op amps are different from comparators, occasionally an unused
section of a dual op amp is used as a comparator to save board
space and cost; however, this is not recommended for the
ADA4666-2.
Figure 75 and Figure 76 show the ADA4666-2 configured as a
comparator, with 100 kΩ resistors in series with the input pins.
Any unused channels are configured as buffers with the input
voltage kept at the midpoint of the power supplies.
Figure 75. Comparator A
Figure 76. Comparator B
Figure 77 shows the supply currents for both comparator
configurations. In comparator mode, the ADA4666-2 does not
power up completely. For more information about configuring
using op amps as comparators, see the AN-849 Application
Note, Using Op Amps as Comparators.
Figure 77. Supply Current vs. Supply Voltage (ADA4666-2 as a Comparator)
ADA4666-2
1/2
A1
100kΩ
100kΩ
ISY+
+VSY
VOUT
–VSY
ISY
A2
0
100
200
300
400
500
600
700
0
2
4
6
8
10
12
14
16
18
VSY (V)
A1
100kΩ
100kΩ
ISY+
+VSY
VOUT
–VSY
ISY
A2
ADA4666-2
1/2
A1
100kΩ
100kΩ
ISY+
+VSY
VOUT
–VSY
ISY
A2
ADA4666-2
1/2
0
100
200
300
400
500
600
700
0
2
4
6
8
10
12
14
16
18
VSY (V)
COMPARATOR A
COMPARATOR B



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com