Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADA4666-2ACPZ-R7 Datasheet(PDF) 4 Page - Analog Devices

Part # ADA4666-2ACPZ-R7
Description  18 V, 725 A, 4 MHz CMOS RRIO Operational Amplifier
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADA4666-2ACPZ-R7 Datasheet(HTML) 4 Page - Analog Devices

  ADA4666-2ACPZ-R7 Datasheet HTML 1Page - Analog Devices ADA4666-2ACPZ-R7 Datasheet HTML 2Page - Analog Devices ADA4666-2ACPZ-R7 Datasheet HTML 3Page - Analog Devices ADA4666-2ACPZ-R7 Datasheet HTML 4Page - Analog Devices ADA4666-2ACPZ-R7 Datasheet HTML 5Page - Analog Devices ADA4666-2ACPZ-R7 Datasheet HTML 6Page - Analog Devices ADA4666-2ACPZ-R7 Datasheet HTML 7Page - Analog Devices ADA4666-2ACPZ-R7 Datasheet HTML 8Page - Analog Devices ADA4666-2ACPZ-R7 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 32 page
background image
ADA4666-2
Data Sheet
Rev. 0 | Page 4 of 32
Parameter
Symbol
Test Conditions/Comments
Min
Typ
Max
Unit
Channel Separation
CS
VIN = 17.9 V p-p, f = 10 kHz, RL = 10 kΩ
80
dB
EMI Rejection Ratio of +IN x
EMIRR
VIN = 100 mV peak (200 mV p-p)
f = 400 MHz
34
dB
f = 900 MHz
42
dB
f = 1800 MHz
50
dB
f = 2400 MHz
60
dB
NOISE PERFORMANCE
Total Harmonic Distortion Plus Noise
THD + N
AV = 1, VIN = 5.4 V rms at 1 kHz
Bandwidth = 80 kHz
0.0004
%
Bandwidth = 500 kHz
0.0008
%
Peak-to-Peak Noise
en p-p
f = 0.1 Hz to 10 Hz
3
µV p-p
Voltage Noise Density
en
f = 1 kHz
18
nV/√Hz
f = 10 kHz
14
nV/√Hz
Current Noise Density
in
f = 1 kHz
360
fA/√Hz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com