Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADA4666-2ACPZ-R7 Datasheet(PDF) 5 Page - Analog Devices

Part # ADA4666-2ACPZ-R7
Description  18 V, 725 A, 4 MHz CMOS RRIO Operational Amplifier
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADA4666-2ACPZ-R7 Datasheet(HTML) 5 Page - Analog Devices

  ADA4666-2ACPZ-R7 Datasheet HTML 1Page - Analog Devices ADA4666-2ACPZ-R7 Datasheet HTML 2Page - Analog Devices ADA4666-2ACPZ-R7 Datasheet HTML 3Page - Analog Devices ADA4666-2ACPZ-R7 Datasheet HTML 4Page - Analog Devices ADA4666-2ACPZ-R7 Datasheet HTML 5Page - Analog Devices ADA4666-2ACPZ-R7 Datasheet HTML 6Page - Analog Devices ADA4666-2ACPZ-R7 Datasheet HTML 7Page - Analog Devices ADA4666-2ACPZ-R7 Datasheet HTML 8Page - Analog Devices ADA4666-2ACPZ-R7 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 32 page
background image
Data Sheet
ADA4666-2
Rev. 0 | Page 5 of 32
ELECTRICAL CHARACTERISTICS—10 V OPERATION
VSY = 10 V, VCM = VSY/2 V, TA = 25°C, unless otherwise specified.
Table 3.
Parameter
Symbol
Test Conditions/Comments
Min
Typ
Max
Unit
INPUT CHARACTERISTICS
Offset Voltage
VOS
2.2
mV
VCM = 0 V to 10 V
2.2
mV
VCM = 0 V to 10 V; −40°C ≤ TA ≤ +125°C
3.5
mV
Offset Voltage Drift
ΔVOS/ΔT
−40°C ≤ TA ≤ +125°C
0.6
3.1
μV/°C
Input Bias Current
IB
0.25
15
pA
−40°C ≤ TA ≤ +85°C
80
pA
−40°C ≤ TA ≤ +125°C
750
pA
Input Offset Current
IOS
11
pA
−40°C ≤ TA ≤ +85°C
30
pA
−40°C ≤ TA ≤ +125°C
270
pA
Input Voltage Range
0
10
V
Common-Mode Rejection Ratio
CMRR
VCM = 0 V to 10 V
75
90
dB
VCM = 0 V to 10 V; −40°C ≤ TA ≤ +125°C
72
dB
Large Signal Voltage Gain
AVO
RL = 100 kΩ, VO = 0.5 V to 9.5 V
120
145
dB
−40°C ≤ TA ≤ +125°C
120
dB
Input Resistance
Differential Mode
RINDM
>10
Common Mode
RINCM
>10
Input Capacitance
Differential Mode
CINDM
8.5
pF
Common Mode
CINCM
3
pF
OUTPUT CHARACTERISTICS
Output Voltage High
VOH
RL = 10 kΩ to VCM
9.96
9.98
V
−40°C ≤ TA ≤ +125°C
9.96
V
RL = 1 kΩ to VCM
9.7
9.88
V
−40°C ≤ TA ≤ +125°C
9.7
V
Output Voltage Low
VOL
RL = 10 kΩ to VCM
10
15
mV
−40°C ≤ TA ≤ +125°C
30
mV
RL = 1 kΩ to VCM
77
110
mV
−40°C ≤ TA ≤ +125°C
200
mV
Continuous Output Current
IOUT
Dropout voltage = 1 V
40
mA
Short-Circuit Current
ISC
Pulse width = 10 ms; refer to the Maximum
Power Dissipation section
±220
mA
Closed-Loop Output Impedance
ZOUT
f = 100 kHz, AV = 1
0.2
Ω
POWER SUPPLY
Power Supply Rejection Ratio
PSRR
VSY = 3.0 V to 18 V
120
145
dB
−40°C ≤ TA ≤ +125°C
120
dB
Supply Current per Amplifier
ISY
IOUT = 0 mA
620
725
µA
−40°C ≤ TA ≤ +125°C
975
µA
DYNAMIC PERFORMANCE
Slew Rate
SR
RS = 1 kΩ, RL = 10 kΩ, CL = 10 pF, AV = 1
1.8
V/µs
Gain Bandwidth Product
GBP
VIN = 10 mV p-p, RL = 10 kΩ, CL = 10 pF, AV = 100
4
MHz
Unity-Gain Crossover
UGC
VIN = 10 mV p-p, RL = 10 kΩ, CL = 10 pF, AVO = 1
4
MHz
−3 dB Closed-Loop Bandwidth
f−3 dB
VIN = 10 mV p-p, RL = 10 kΩ, CL = 10 pF, AV = 1
2.1
MHz
Phase Margin
ΦM
VIN = 10 mV p-p, RL = 10 kΩ, CL = 10 pF, AVO = 1
60
Degrees
Settling Time to 0.1%
tS
VIN = 1 V step, RL = 10 kΩ, CL = 10 pF
1.3
µs
Channel Separation
CS
VIN = 9.9 V p-p, f = 10 kHz, RL = 10 kΩ
85
dB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com