Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IA8X44-PLC44I-R-P03 Datasheet(PDF) 32 Page - InnovASIC, Inc

Part # IA8X44-PLC44I-R-P03
Description  SDLC Communications Controller
PDF  65 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INNOVASIC [InnovASIC, Inc]
Direct Link  http://www.innovasic.com
Logo INNOVASIC - InnovASIC, Inc

IA8X44-PLC44I-R-P03 Datasheet(HTML) 32 Page - InnovASIC, Inc

Back Button IA8X44-PLC44I-R-P03 Datasheet HTML 28Page - InnovASIC, Inc IA8X44-PLC44I-R-P03 Datasheet HTML 29Page - InnovASIC, Inc IA8X44-PLC44I-R-P03 Datasheet HTML 30Page - InnovASIC, Inc IA8X44-PLC44I-R-P03 Datasheet HTML 31Page - InnovASIC, Inc IA8X44-PLC44I-R-P03 Datasheet HTML 32Page - InnovASIC, Inc IA8X44-PLC44I-R-P03 Datasheet HTML 33Page - InnovASIC, Inc IA8X44-PLC44I-R-P03 Datasheet HTML 34Page - InnovASIC, Inc IA8X44-PLC44I-R-P03 Datasheet HTML 35Page - InnovASIC, Inc IA8X44-PLC44I-R-P03 Datasheet HTML 36Page - InnovASIC, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 65 page
background image
IA8044/IA8344
Data Sheet
SDLC Communications Controller
March 30, 2010
IA211010112-04
http://www.Innovasic.com
UNCONTROLLED WHEN PRINTED OR COPIED
Customer Support:
Page 32 of 65
1-888-824-4184
®
4.8
General CPU Registers
4.8.1
Accumulator (ACC)
Table 22 presents the Accumulator Register. Most instructions use the accumulator to hold the
operand. The mnemonics for accumulator-specific instructions refer to accumulator as A, not
ACC.
Table 22. Accumulator Register
7
6
5
4
3
2
1
0
ACC.7
ACC.6
ACC.5
ACC.4
ACC.3
ACC.2
ACC.1
ACC.0
4.8.2
B Register (B)
Table 23 presents the B register, which is used during multiply and divide instructions. It can also
be used as a scratch-pad register to hold temporary data.
Table 23. B Register
7
6
5
4
3
2
1
0
B.7
B.6
B.5
B.4
B.3
B.2
B.1
B.0
4.8.3
Program Status Word (PSW)
Table 24 presents program status word, which contains CPU status flags, register select bits, and
user flags.
Table 24. Program Status Word Register
7
6
5
4
3
2
1
0
CY
AC
F0
RS1
RS0
OV
–
P
Bit [7]—CY → (PSW.7) Carry flag for carry out of or into Bit [7]
Bit [6]—AC → (PSW.7) Auxiliary carry flag for carry out of or into Bit [3]
Bit [5]—F0 → (PSW.7) General purpose Flag 0 available for user
Bit [4]—RS1 → (PSW.7) Register bank select control Bit [1], used to select working
register bank
Bit [3]—RS0 → (PSW.7) Register bank select control Bit [0], used to select working
register bank



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com