Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IA8X44-PLC44I-R-P03 Datasheet(PDF) 45 Page - InnovASIC, Inc

Part # IA8X44-PLC44I-R-P03
Description  SDLC Communications Controller
PDF  65 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INNOVASIC [InnovASIC, Inc]
Direct Link  http://www.innovasic.com
Logo INNOVASIC - InnovASIC, Inc

IA8X44-PLC44I-R-P03 Datasheet(HTML) 45 Page - InnovASIC, Inc

Back Button IA8X44-PLC44I-R-P03 Datasheet HTML 41Page - InnovASIC, Inc IA8X44-PLC44I-R-P03 Datasheet HTML 42Page - InnovASIC, Inc IA8X44-PLC44I-R-P03 Datasheet HTML 43Page - InnovASIC, Inc IA8X44-PLC44I-R-P03 Datasheet HTML 44Page - InnovASIC, Inc IA8X44-PLC44I-R-P03 Datasheet HTML 45Page - InnovASIC, Inc IA8X44-PLC44I-R-P03 Datasheet HTML 46Page - InnovASIC, Inc IA8X44-PLC44I-R-P03 Datasheet HTML 47Page - InnovASIC, Inc IA8X44-PLC44I-R-P03 Datasheet HTML 48Page - InnovASIC, Inc IA8X44-PLC44I-R-P03 Datasheet HTML 49Page - InnovASIC, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 65 page
background image
IA8044/IA8344
Data Sheet
SDLC Communications Controller
March 30, 2010
IA211010112-04
http://www.Innovasic.com
UNCONTROLLED WHEN PRINTED OR COPIED
Customer Support:
Page 45 of 65
1-888-824-4184
®
The no-control field format is only supported by the FLEXIBLE mode. In this format, TCB and
RCB are not used and the information field starts immediately after the address field. A control
field may still be used in the frame but the SIU will treat it as a byte of the information field.
The no-control field and no-address field formats are supported only by the FLEXIBLE mode. In
this format STAD, TCB, and RCB are not used and the information field starts immediately after
the opening flag. This option can only be used with the no-control field option. A control field
and address field may still be used in the frame but the SIU will treat each as a byte of the
information field.
The no FCS field format prevents an FCS from being generated during transmission or being
checked during reception. This option may be used in conjunction with the other frame format
options. This option will work with both FLEXIBLE and AUTO modes. In AUTO mode, it
could cause protocol violations. An FCS field may still be used in the frame but the SIU will treat
it as a byte of the information field.
All the possible Frame Format combinations are presented in Table 47, along with the bit settings
that select a given format.
Table 47. Frame Format Options
Frame Option
NFCS
NB
AM
Frame Format
Standard
SDLC
FLEXIBLE
Mode
0
0
0
Fl
Ad
Co
Inf
FCS
Fl
Standard
SDLC
AUTO Mode
0
0
1
Fl
Ad
Co
Inf
FCS
Fl
No-Control
Field
FLEXIBLE
Mode
0
1
1
Fl
Ad
Inf
FCS
Fl
No-Control
Field
No-Address
Field
FLEXIBLE
Mode
0
1
0
Fl
Inf
FCS
Fl
No-FCS Field
FLEXIBLE
Mode
1
0
0
Fl
Ad
Co
Inf
Fl
No-FCS Field
AUTO Mode
1
0
1
Fl
Ad
Co
Inf
Fl



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com