Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IA8X44-PLC44I-R-P03 Datasheet(PDF) 44 Page - InnovASIC, Inc

Part # IA8X44-PLC44I-R-P03
Description  SDLC Communications Controller
PDF  65 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INNOVASIC [InnovASIC, Inc]
Direct Link  http://www.innovasic.com
Logo INNOVASIC - InnovASIC, Inc

IA8X44-PLC44I-R-P03 Datasheet(HTML) 44 Page - InnovASIC, Inc

Back Button IA8X44-PLC44I-R-P03 Datasheet HTML 40Page - InnovASIC, Inc IA8X44-PLC44I-R-P03 Datasheet HTML 41Page - InnovASIC, Inc IA8X44-PLC44I-R-P03 Datasheet HTML 42Page - InnovASIC, Inc IA8X44-PLC44I-R-P03 Datasheet HTML 43Page - InnovASIC, Inc IA8X44-PLC44I-R-P03 Datasheet HTML 44Page - InnovASIC, Inc IA8X44-PLC44I-R-P03 Datasheet HTML 45Page - InnovASIC, Inc IA8X44-PLC44I-R-P03 Datasheet HTML 46Page - InnovASIC, Inc IA8X44-PLC44I-R-P03 Datasheet HTML 47Page - InnovASIC, Inc IA8X44-PLC44I-R-P03 Datasheet HTML 48Page - InnovASIC, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 65 page
background image
IA8044/IA8344
Data Sheet
SDLC Communications Controller
March 30, 2010
IA211010112-04
http://www.Innovasic.com
UNCONTROLLED WHEN PRINTED OR COPIED
Customer Support:
Page 44 of 65
1-888-824-4184
®
UP (Unnumbered Poll) also called NSP, (Non-Sequenced Poll), or ORP (Optional
Response Poll)
In AUTO mode when the transmit buffer is full, the SIU can transmit an information frame when
polled for information. After transmission the SIU waits for acknowledgement from the receiving
station. If the response is positive, the SIU interrupts the CPU. If the response is negative, the
SIU retransmits the frame. The SIU can send the following responses to the primary station:
RR (Receive Ready)
RNR (Receive Not Ready)
The FLEXIBLE mode requires the CPU to control the SIU for both transmitting and receiving.
This slows response time but allows full SDLC and limited HDLC compatibility as well as
variations. In FLEXIBLE mode, the SIU can act as a primary station. The SIU will interrupt the
CPU after completion of a transmission without waiting for a positive acknowledgement from the
receiving station (see Table 46).
Table 46. Basic SDLC Frame
FLAG
ADDRESS
CONTROL
INFORMATION
FCS
FLAG
IA8044/IA8344 frame parameters:
Flag—8 bits
Address—8 bits
Control—8 bits
Information—n bytes (where n
192)
FCS—16 bits
Flag—8 bits
4.13
Frame Format Options
The various frame formats available with the IA8044/IA8344 are the standard SDLC format, the
no-control field format, the no-control field and no-address field formats, and the no-FCS field
format.
The standard SDLC format consists of an opening flag, an 8-bit address field, an 8-bit control
field, an n-byte information field, a 16-bit frame check sequence field, and a closing flag. The
FCS is generated by the CCIT-CRC polynomial (X16 + X12 + X5 + 1). The FCS is calculated on
the address, control, and information fields. The address and control fields may not be extended.
The address is contained in STAD and the control filed is contained in either RCB or TCB. This
format is supported by both AUTO and FLEXIBLE modes.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com