Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IA8X44-PLC44I-R-P03 Datasheet(PDF) 39 Page - InnovASIC, Inc

Part # IA8X44-PLC44I-R-P03
Description  SDLC Communications Controller
PDF  65 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INNOVASIC [InnovASIC, Inc]
Direct Link  http://www.innovasic.com
Logo INNOVASIC - InnovASIC, Inc

IA8X44-PLC44I-R-P03 Datasheet(HTML) 39 Page - InnovASIC, Inc

Back Button IA8X44-PLC44I-R-P03 Datasheet HTML 35Page - InnovASIC, Inc IA8X44-PLC44I-R-P03 Datasheet HTML 36Page - InnovASIC, Inc IA8X44-PLC44I-R-P03 Datasheet HTML 37Page - InnovASIC, Inc IA8X44-PLC44I-R-P03 Datasheet HTML 38Page - InnovASIC, Inc IA8X44-PLC44I-R-P03 Datasheet HTML 39Page - InnovASIC, Inc IA8X44-PLC44I-R-P03 Datasheet HTML 40Page - InnovASIC, Inc IA8X44-PLC44I-R-P03 Datasheet HTML 41Page - InnovASIC, Inc IA8X44-PLC44I-R-P03 Datasheet HTML 42Page - InnovASIC, Inc IA8X44-PLC44I-R-P03 Datasheet HTML 43Page - InnovASIC, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 65 page
background image
IA8044/IA8344
Data Sheet
SDLC Communications Controller
March 30, 2010
IA211010112-04
http://www.Innovasic.com
UNCONTROLLED WHEN PRINTED OR COPIED
Customer Support:
Page 39 of 65
1-888-824-4184
®
Bit [2]—OPB → (STS.2) Optional poll bit. When set, the SIU will AUTO respond to an
optional poll (UP with P=0). The SIU can set or clear the OPB.
Bit [1]—AM → (STS.1) Auto mode. Dual purpose bit depending upon the setting of bit
NB (SMD.1). If NB is cleared, AM selects the AUTO mode when set, Flexible mode
when clear. If NB is set, AM selects the addressed mode when set and the non-addressed
mode when clear. The SIU can clear AM.
Bit [0]—RBP → (STS.0) Receive buffer protect. When set, prevents writing of data into
the receive buffer. Causes RNR response instead of RR in AUTO mode.
4.10.4 Send/Receive Count Register (NSNR)
Table 34 presents the Send/Receive Count Register, which contains both the transmit and receive
sequence numbers in addition to the tally error indications. The CPU can read and write the STS.
Accessing the STS by the CPU via two cycle instructions—JBC bit,rel and MOV bit,C—should
not be used. The SIU can read and write the NSNR. The NS and NR counters are not used in
non-AUTO mode. NSNR is bit addressable.
Table 34. Send/Receive Count Register
7
6
5
4
3
2
1
0
NS2
NS1
NS0
SES
NR2
NR1
NR0
SER
Bit [7]—NS2 → (NSNR.7) Send sequence counter, Bit [2].
Bit [6]—NS1 → (NSNR.6) Send sequence counter, Bit [1].
Bit [5]—NS0 → (NSNR.5) Send sequence counter, Bit [0].
Bit [4]—SES → (NSNR.4) Sequence error send. NR (P) ≠ NS (S) and
NR (P) ≠ NS (S) + 1.
Bit [3]—NR2 → (NSNR.3) Receive sequence counter, Bit [2].
Bit [2]—NR1 → (NSNR.2) Receive sequence counter, Bit [1].
Bit [1]—NR0 → (NSNR.1) Receive sequence counter, Bit [0].
Bit [0]—SER → (NSNR.0) Sequence error receive. NS (P) ≠ NR (S).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com