Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IA8X44-PLC44I-R-P03 Datasheet(PDF) 17 Page - InnovASIC, Inc

Part # IA8X44-PLC44I-R-P03
Description  SDLC Communications Controller
PDF  65 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INNOVASIC [InnovASIC, Inc]
Direct Link  http://www.innovasic.com
Logo INNOVASIC - InnovASIC, Inc

IA8X44-PLC44I-R-P03 Datasheet(HTML) 17 Page - InnovASIC, Inc

Back Button IA8X44-PLC44I-R-P03 Datasheet HTML 13Page - InnovASIC, Inc IA8X44-PLC44I-R-P03 Datasheet HTML 14Page - InnovASIC, Inc IA8X44-PLC44I-R-P03 Datasheet HTML 15Page - InnovASIC, Inc IA8X44-PLC44I-R-P03 Datasheet HTML 16Page - InnovASIC, Inc IA8X44-PLC44I-R-P03 Datasheet HTML 17Page - InnovASIC, Inc IA8X44-PLC44I-R-P03 Datasheet HTML 18Page - InnovASIC, Inc IA8X44-PLC44I-R-P03 Datasheet HTML 19Page - InnovASIC, Inc IA8X44-PLC44I-R-P03 Datasheet HTML 20Page - InnovASIC, Inc IA8X44-PLC44I-R-P03 Datasheet HTML 21Page - InnovASIC, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 65 page
background image
IA8044/IA8344
Data Sheet
SDLC Communications Controller
March 30, 2010
IA211010112-04
http://www.Innovasic.com
UNCONTROLLED WHEN PRINTED OR COPIED
Customer Support:
Page 17 of 65
1-888-824-4184
®
3.
Maximum Ratings and DC Characteristics
The IA8044/IA8344 absolute maximum ratings and DC characteristics are provided in Tables 3
and 4, respectively.
Table 3. IA8044 and IA8344 Absolute Maximum Ratings
Parameter
Rating
Ambient temperature under bias
−40°C to +85°C
Storage temperature
−40°C to +150°C
Power supply (VDD)
−0.3 to +6VDC
Voltage on any pin to VSS
−0.3 to (V
DD +0.3)
a
Power dissipation
2W
aThis device does not contain EPROM or its related programming circuitry. Therefore, this limit must be
adhered to especially for input pin EA, which is used as the programming voltage pin in the Intel device.
Exceeding the listed maximum voltage will cause damage to the device.
Table 4. IA8044 and IA8344 DC Characteristics
Symbol
Parameter
Min Typ Max Unit
VIL
Input Low Voltage
–
– 0.8
V
VIH
Input High Voltage
2.0
–
–
V
VOL
Output Low Voltage (IOL= 4mA)
–
– 0.4
V
VOH
Output High Voltage (IOH= 4mA)
3.5
–
–
V
RPU
Pull-Up Resistance (Ports 1, 2, 3)
–
50
– KW
RPD
Pull-Down Resistance (RST)
–
50
– KW
IIL
Input Low Current (Ports 1, 2, 3)
−200
–
1
µA
IIL1
Input Low Current (PO, EA)
−1
–
1
µA
IIH
Input High Current (RST)
−1
– 200 µA
IIH1
Input High Current (PO, EA)
−1
–
1
µA
IOZ
Tri-state Leakage Current (Port 0)
−10
–
10
µA
ICC
Power Supply Current (@ 12 MHz)
–
–
50 mA
CIO
Pin Capacitance
–
4
–
pF
4.
Functional Description
4.1
Functional Block Diagram
A functional block diagram of the IA8044 and IA8344 is shown in Figure 5. Descriptions of the
functional modules are provided in the following subsections.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com