Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IA8X44-PLC44I-R-P03 Datasheet(PDF) 33 Page - InnovASIC, Inc

Part # IA8X44-PLC44I-R-P03
Description  SDLC Communications Controller
PDF  65 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INNOVASIC [InnovASIC, Inc]
Direct Link  http://www.innovasic.com
Logo INNOVASIC - InnovASIC, Inc

IA8X44-PLC44I-R-P03 Datasheet(HTML) 33 Page - InnovASIC, Inc

Back Button IA8X44-PLC44I-R-P03 Datasheet HTML 29Page - InnovASIC, Inc IA8X44-PLC44I-R-P03 Datasheet HTML 30Page - InnovASIC, Inc IA8X44-PLC44I-R-P03 Datasheet HTML 31Page - InnovASIC, Inc IA8X44-PLC44I-R-P03 Datasheet HTML 32Page - InnovASIC, Inc IA8X44-PLC44I-R-P03 Datasheet HTML 33Page - InnovASIC, Inc IA8X44-PLC44I-R-P03 Datasheet HTML 34Page - InnovASIC, Inc IA8X44-PLC44I-R-P03 Datasheet HTML 35Page - InnovASIC, Inc IA8X44-PLC44I-R-P03 Datasheet HTML 36Page - InnovASIC, Inc IA8X44-PLC44I-R-P03 Datasheet HTML 37Page - InnovASIC, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 65 page
background image
IA8044/IA8344
Data Sheet
SDLC Communications Controller
March 30, 2010
IA211010112-04
http://www.Innovasic.com
UNCONTROLLED WHEN PRINTED OR COPIED
Customer Support:
Page 33 of 65
1-888-824-4184
®
Bit [2]—OV → (PSW.7) Overflow flag
Bit [1]—(PSW.7) User defined flag
Bit [0]—P → (PSW.7) Parity flag, affected by hardware to indicate odd/even number of
―one‖ bits in the Accumulator (i.e., even parity)
The state of Bits RS1 and RS0 selects the working registers bank as presented in Table 25.
Table 25. RS1/RS0 Bank Selections by State
RS1/RS0
Bank selected location
00
Bank 0 (00H
–07H)
01
Bank 1 (08H
–0FH)
10
Bank 2 (10H
–17H)
11
Bank 3 (18H
–1FH)
4.8.4
Stack Pointer (SP)
Table 26 presents the stack pointer, which is a 1-byte register initialized to 07H after reset. This
register is incremented before PUSH and CALL instructions, causing the stack to begin at location
08H. The stack pointer points to a location in internal RAM.
Table 26. Stack Pointer
7
6
5
4
3
2
1
0
SP.7
SP.6
SP.5
SP.4
SP.3
SP.2
SP.1
SP.0
4.8.5
Data Pointer (DPTR)
The data pointer (DPTR) is two bytes wide. Table 27 presents the highest, which is DPH.
Table 28 presents the lower part, DPL. It can be loaded as a 2-byte register (MOV
DPTR,#data16) or as two registers (MOV DPL,#data8 each). It is generally used to access
external code (MOVC A,@A+DPTR each) or data space (MOV A,@DPTR).
Table 27. Data Pointer (High) Register
7
6
5
4
3
2
1
0
DPH.7
DPH.6
DPH.5
DPH.4
DPH.3
DPH.2
DPH.1
DPH.0
Table 28. Data Pointer (Low) Register
7
6
5
4
3
2
1
0
DPL.7
DPL.6
DPL.5
DPL.4
DPL.3
DPL.2
DPL.1
DPL.0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com