Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9958SB Datasheet(PDF) 7 Page - STMicroelectronics

Part # L9958SB
Description  Low RDSON SPI controlled H-Bridge
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9958SB Datasheet(HTML) 7 Page - STMicroelectronics

Back Button L9958SB Datasheet HTML 3Page - STMicroelectronics L9958SB Datasheet HTML 4Page - STMicroelectronics L9958SB Datasheet HTML 5Page - STMicroelectronics L9958SB Datasheet HTML 6Page - STMicroelectronics L9958SB Datasheet HTML 7Page - STMicroelectronics L9958SB Datasheet HTML 8Page - STMicroelectronics L9958SB Datasheet HTML 9Page - STMicroelectronics L9958SB Datasheet HTML 10Page - STMicroelectronics L9958SB Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 38 page
background image
L9958
Pins description
Doc ID 17269 Rev 5
7/38
2
Pins description
2.1
PowerSO-20
The exposed slug must be soldered on the PCB and connected to GND.
Figure 2.
PowerSO-20 pin connection (top view)
Table 2.
PowerSO-20 pin function
Pin N°
Name
Description
1
GND
Ground
2SO
Serial out
3
VDDIO
Supply voltage for SPI
4
CS
Chip select
5
CP
Charge pump
6
VS
Supply voltage
7
DIR
Direction input
8OUT1
Output 1
9
DI
Disable
10
GND
Ground
11
GND
Ground
12
EN
Enable
13
OUT2
Output 2
14
PWM
PWM input
15
REXT
External reference resistor
16
SI
Serial in
17
SCK
SPI clock
18
VDD
Supply voltage
19
N.C.
Not connected (To be connected to GND on the PCB)
20
GND
Ground



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com