Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9958SB Datasheet(PDF) 30 Page - STMicroelectronics

Part # L9958SB
Description  Low RDSON SPI controlled H-Bridge
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9958SB Datasheet(HTML) 30 Page - STMicroelectronics

Back Button L9958SB Datasheet HTML 26Page - STMicroelectronics L9958SB Datasheet HTML 27Page - STMicroelectronics L9958SB Datasheet HTML 28Page - STMicroelectronics L9958SB Datasheet HTML 29Page - STMicroelectronics L9958SB Datasheet HTML 30Page - STMicroelectronics L9958SB Datasheet HTML 31Page - STMicroelectronics L9958SB Datasheet HTML 32Page - STMicroelectronics L9958SB Datasheet HTML 33Page - STMicroelectronics L9958SB Datasheet HTML 34Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 38 page
background image
Electrical specifications
L9958
30/38
Doc ID 17269 Rev 5
6.4.6
Over-temperature monitoring
6.4.7
Current limitation and over-current detection
Table 23.
Over-temperature monitoring
Pos.
Symbol
Parameter
Test condition
Min.
Typ.
Max.
Unit
6.1
OTwarn
Over-temperature warning
-
150
-
170
°C
6.2
OTsd
Over-temperature shut-down
-
170
-
200
°C
6.3
OThyst
Over-temperature hysteresis
-
10
-
-
°C
6.4
TTSD
Over-temperature filtering time
Guaranteed by clock
measurement
-36-
µs
Table 24.
Current limitation and over-current detection
Pos.
Symbol
Parameter
Test condition
Min.
Typ.
Max.
Unit
7.1
Ilim_H
Current limitation high
threshold
CL1:0 = 00; -40 °C
≤ Tj ≤ 150 °C
2
2.5
3.1
A
CL1:0 = 01; -40 °C
≤ Tj ≤ 150 °C
3.5
4
4.85
CL1:0 = 10; -40 °C
≤ Tj < 25 °C
5.5
6.75
8
CL1:0 = 10; 25 °C
≤ Tj ≤ 150 °C
5.5
6.6
7.7
CL1:0 = 11; -40 °C
≤ Tj < 25 °C
7.8
9.1
10.4
CL1:0 = 11; 25 °C
≤ Tj ≤ 150°C
7.6
8.6
9.6
CL1:0 = XX, Tj = OTsd
2
2.5
3
7.2
Ilim_L
Current limitation low
threshold
CL1:0 = 0X; -40 °C
≤ Tj ≤ 150 °C Ilim_H–0.2
Ilim_H-
0.5
Ilim_H-
0.8
A
CL1:0 = 10; -40°C
≤ Tj < 25 °C
Ilim_H–
0.35
Ilim_H-
0.65
Ilim_H-
0.95
CL1:0 = 10; 25 °C
≤ Tj ≤ 150°C
Ilim_H–
0.35
Ilim_H-
0.55
Ilim_H-
0.85
CL1:0 = 11; -40°C
≤ Tj < 25°C
Ilim_H–
0.4
Ilim_H-
0.7
Ilim_H-
1
CL1:0 = 11; 25 °C
≤ Tj ≤ 150°C
Ilim_H–
0.4
Ilim_H-
0.55
Ilim_H-
0.95
7.3
Tlimh
High current limitation
threshold filtering time
can be included in Tblanck
0.1
-
1
µs
7.4
Tliml
Low current limitation
threshold filtering time
-1
-
3
µs
7.5
Toffmin
Current limitation delay
time
-30
-
45
µs
7.6
Tb
Blanking time
-
4.9
-
8.7
µs



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com