Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9958SB Datasheet(PDF) 9 Page - STMicroelectronics

Part # L9958SB
Description  Low RDSON SPI controlled H-Bridge
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9958SB Datasheet(HTML) 9 Page - STMicroelectronics

Back Button L9958SB Datasheet HTML 5Page - STMicroelectronics L9958SB Datasheet HTML 6Page - STMicroelectronics L9958SB Datasheet HTML 7Page - STMicroelectronics L9958SB Datasheet HTML 8Page - STMicroelectronics L9958SB Datasheet HTML 9Page - STMicroelectronics L9958SB Datasheet HTML 10Page - STMicroelectronics L9958SB Datasheet HTML 11Page - STMicroelectronics L9958SB Datasheet HTML 12Page - STMicroelectronics L9958SB Datasheet HTML 13Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 38 page
background image
L9958
Pins description
Doc ID 17269 Rev 5
9/38
2.3
PowerSSO24
Although this package has two separate pins for the ground (pin11 = PGND = Power
Ground and pin22 = GND = Logic Ground), the device is designed to work with shortening
ground and is mandatory that the two pins have to be connected nearby the IC on the PCB.
The exposed slug must be soldered on the PCB and connected to GND.
Figure 4.
PowerSSO24 pin connection (top view)
Table 4.
PowerSSO24 pin function
Pin Nº
Name
Description
1, 2, 12, 13,
14, 23, 24
N.C.
Not Connected
3SO
Serial Out
4
VDDIO
Supply Voltage for SPI
5CS
Chip Select
6
CP
Supply Voltage for SPI
7
VS
Supply Voltage
8
DIR
Direction Input
9OUT1
Output 1
10
DI
Disable
11
PGND
Power Ground
15
EN
Enable
16
OUT2
Output 2
17
PWM
PWM Input
18
REXT
External Reference Resistor
19
SI
Serial In
20
SCK
SPI Clock
21
VDD
Supply Voltage
22
GND
Ground



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com