Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9958SB Datasheet(PDF) 23 Page - STMicroelectronics

Part # L9958SB
Description  Low RDSON SPI controlled H-Bridge
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9958SB Datasheet(HTML) 23 Page - STMicroelectronics

Back Button L9958SB Datasheet HTML 19Page - STMicroelectronics L9958SB Datasheet HTML 20Page - STMicroelectronics L9958SB Datasheet HTML 21Page - STMicroelectronics L9958SB Datasheet HTML 22Page - STMicroelectronics L9958SB Datasheet HTML 23Page - STMicroelectronics L9958SB Datasheet HTML 24Page - STMicroelectronics L9958SB Datasheet HTML 25Page - STMicroelectronics L9958SB Datasheet HTML 26Page - STMicroelectronics L9958SB Datasheet HTML 27Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 38 page
background image
L9958
Diagnostics and protections
Doc ID 17269 Rev 5
23/38
5.3
Off-state diagnosis
This diagnostic is performed in any off-state condition, just after ignition key-on or during an
off-state phase occurring after an on-state phase of the bridge.
5.3.1
Off-state detection scheme
In order to avoid any wrong diagnostic, a filtering time "Tdiag_off" is applied before
performing the detection if the bridge was in on-state before. This filtering time is not applied
in case of detection after key on.
Figure 18.
Off-state detection scheme
5.3.2
Open load detection
An equivalent resistor of 100 k
Ω (typ.) is targeted for open-load detection.
In order to avoid any unwanted supply of the bridge through the high-side transistor body
diode during off-state measurement, the current source is connected only if Vs is higher
than the Vs under-voltage threshold.
Figure 19.
Open load detection
The diagnostic is based on a closed loop voltage control on OUT1 and associated current
measurement.
A voltage amplifier forces a constant voltage on OUT1 through two current sources (high-
side source and low-side current sink). The OUT2 is pulled-down through a constant current
sink. Based on the current flowing out of the amplifier (Ip – In) compared to several current
thresholds, open-load as well as short-circuit to ground and battery can be detected.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com