Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9958SB Datasheet(PDF) 19 Page - STMicroelectronics

Part # L9958SB
Description  Low RDSON SPI controlled H-Bridge
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9958SB Datasheet(HTML) 19 Page - STMicroelectronics

Back Button L9958SB Datasheet HTML 15Page - STMicroelectronics L9958SB Datasheet HTML 16Page - STMicroelectronics L9958SB Datasheet HTML 17Page - STMicroelectronics L9958SB Datasheet HTML 18Page - STMicroelectronics L9958SB Datasheet HTML 19Page - STMicroelectronics L9958SB Datasheet HTML 20Page - STMicroelectronics L9958SB Datasheet HTML 21Page - STMicroelectronics L9958SB Datasheet HTML 22Page - STMicroelectronics L9958SB Datasheet HTML 23Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 38 page
background image
L9958
Diagnostics and protections
Doc ID 17269 Rev 5
19/38
5
Diagnostics and protections
A detailed diagnostic of the H-bridge is available through SPI communication. The 16 bits
diagnostic word is sent back to the MCU in return of a command word. The diagnostic word
is used to report two kinds of information:
●
H-Bridge failures:
–
Over-current on each transistor in on-state,
–
Vps under-voltage,
–
Vdd over-voltage,
–
Over-temperature,
–
Open-load in on-state,
–
Off-state diagnostic.
●
H-bridge functional status:
–
Current limitation condition,
–
Current limitation decreasing condition,
–
Disable / Enable status.
5.1
Diagnosis reset strategy
5.1.1
Reset requests
Except "ACT" and "VS_UV" bits, all the others are latched and can only be released by:
●
Transition from "Disable" to "Enable" on DI / EN pins,
●
Diagnostic register read by SPI (see details on each failure release) depending on bit
"DR",
●
Power-On-Reset condition.
When the diagnostic register is reset, the bridge is switched back to normal mode driven by
DIR and PWM. All the settings are kept as before the failure. In case of SPI read, no
additional action on DI / EN is needed.
5.1.2
Diagnosis reset bit
In case of "DR" set to LOW (default value), all the bits of the diagnostic register can be reset
by the three possibilities described in previous section.
In case of "DR" set to HIGH, the over-current, Vdd over-voltage and over-temperature
diagnostic bits can NOT be reset by SPI read and therefore, the bridge is kept in tri-state
until a transition from "Disable" to "Enable" on DI/EN pins or Power-on-Reset condition.
Table 11.
Diagnosis reset strategy
DR
Diagnosis reset strategy
0
All diagnostic bits reset at each SPI reading (Default)
1
Over current bits (8..11) + Temp. shutdown TSD bit (6) + Vdd over voltage bit (3) NOT
reset by SPI



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com