Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9958SB Datasheet(PDF) 32 Page - STMicroelectronics

Part # L9958SB
Description  Low RDSON SPI controlled H-Bridge
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9958SB Datasheet(HTML) 32 Page - STMicroelectronics

Back Button L9958SB Datasheet HTML 28Page - STMicroelectronics L9958SB Datasheet HTML 29Page - STMicroelectronics L9958SB Datasheet HTML 30Page - STMicroelectronics L9958SB Datasheet HTML 31Page - STMicroelectronics L9958SB Datasheet HTML 32Page - STMicroelectronics L9958SB Datasheet HTML 33Page - STMicroelectronics L9958SB Datasheet HTML 34Page - STMicroelectronics L9958SB Datasheet HTML 35Page - STMicroelectronics L9958SB Datasheet HTML 36Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 38 page
background image
Electrical specifications
L9958
32/38
Doc ID 17269 Rev 5
6.4.10
Timing characteristics
Table 27.
Timing characteristics
Pos.
Symbol
Parameter
Test condition
Min.
Typ.
Max.
Unit
10.1
fpwm
PWM frequency
-
-
-
20
kHz
10.2
Tdon
Delay time for switch-on
Rload @ Iout = 3 A
PWM
→ 90% Vout (or
10 % Iout)
--
10
µs
Tdoff
Delay time for switch-off
Rload @ Iout = 3 A
PWM
→ 10 % Vout (or
90% Iout)
--
10
µs
ΔTd
Delay time: symmetry
PWM accuracy = 1% @
2kHz
--
5
µs
10.3
Td_dis
Disable delay time
DI / EN
→ 90% OUTx
@ Iout = 3 A
--
6
µs
10.4
Td_en
Enable delay time
DI / EN
→ 10 % OUT
-
-
6
µs
10.5
Td_pow
Power-on delay time
DIR= PWM=EN=1 /
DI=0 no load / VPS =
Vdd increasing
Vps = Vdd → 10 % Vout1
(= Vps)
--
200
µs
10.6
Td_filter
DI / EN digital filter time
-
1
-
3
µs
10.7
Trise_H
Low-side transistor rise time
Non selectable by SPI
0.04
-
0.2
µs
10.8
Tfall_H
Low-side transistor fall time
Non selectable by SPI
1
-
3
µs
10.9
dVout/dt
Voltage slew rate for high-side
transistors
(Measurement is performed
between 30 % and 70 % of the
slope)
super fast mode
7
14
24
V/µs
VSR = 0
2
4
6
VSR = 1
1
2
3
10.10
dIout/dt
Current slew rate for high-side
transistors
(Measurement is performed
between 40 % and 60 % of the
slope)
ISR=0
1.5
3
4.5
A/µs
ISR=1
0.15
0.3
0.45
10.11
Tdiag
Timing for reliable diagnostic
Guaranteed through
SCAN pattern
35
-
55
µs



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com